Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32026A3334 Datasheet(PDF) 5 Page - TDK Electronics

Part # B32026A3334
Description  Film Capacitors - Power Factor Correction
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32026A3334 Datasheet(HTML) 5 Page - TDK Electronics

  B32026A3334 Datasheet HTML 1Page - TDK Electronics B32026A3334 Datasheet HTML 2Page - TDK Electronics B32026A3334 Datasheet HTML 3Page - TDK Electronics B32026A3334 Datasheet HTML 4Page - TDK Electronics B32026A3334 Datasheet HTML 5Page - TDK Electronics B32026A3334 Datasheet HTML 6Page - TDK Electronics B32026A3334 Datasheet HTML 7Page - TDK Electronics B32026A3334 Datasheet HTML 8Page - TDK Electronics B32026A3334 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Ordering codes and packing units
Lead spacing
mm
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Straight
terminals,
Ammo
pack
pcs./MOQ
Straight
terminals,
Reel
pcs./MOQ
Straight
terminals,
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
289 = Straight terminals, Ammo pack
189 = Straight terminals, Reel
240 = Crimped down from lead spacing 10 mm to
7.5 mm, Ammo pack
140 = Crimped down from lead spacing 10 mm to
7.5 mm, Reel
255 = Crimped down from lead spacing 15 mm to
7.5 mm, Ammo pack
155 = Crimped down from lead spacing 15 mm to
7.5 mm, Reel
003 = Straight terminals, untaped (lead length
3.2
±0.3 mm)
000 = Straight terminals, untaped (lead length 6 -
1 mm)
10
0.0010
4.0
× 9.0 × 13.0 B32021A3102+*** 4000
6800
4000
0.0015
4.0
× 9.0 × 13.0 B32021A3152+*** 4000
6800
4000
0.0022
4.0
× 9.0 × 13.0 B32021A3222+*** 4000
6800
4000
0.0033
4.0
× 9.0 × 13.0 B32021A3332+*** 4000
6800
4000
0.0047
5.0
× 11.0 × 13.0 B32021A3472+*** 3320
5200
4000
0.0056
5.0
× 11.0 × 13.0 B32021A3562+*** 3320
5200
4000
0.0068
5.0
× 11.0 × 13.0 B32021A3682+*** 3320
5200
4000
0.0082
6.0
× 12.0 × 13.0 B32021A3822+*** 2720
4400
4000
0.010
6.0
× 12.0 × 13.0 B32021A3103M*** 2720
4400
4000
15
0.010
5.0
× 10.5 × 18.0 B32022A3103+*** 4680
5200
4000
0.015
6.0
× 11.0 × 18.0 B32022A3153+*** 3840
4400
4000
0.022
6.0
× 12.0 × 18.0 B32022A3223M*** 3840
4400
4000
0.022
7.0
× 12.5 × 18.0 B32022B3223+*** 3320
3600
4000
0.033
8.0
× 14.0 × 18.0 B32022A3333+*** 2920
3000
2000
0.047
8.5
× 14.5 × 18.0 B32022A3473M*** 2720
2800
2000
0.047
9.0
× 17.5 × 18.0 B32022B3473+*** 2560
2800
2000
0.056
9.0
× 17.5 × 18.0 B32022A3563+*** 2560
2800
2000
0.068
9.0
× 17.5 × 18.0 B32022A3683M*** 2560
2800
2000
0.082
11.0
× 18.5 × 18.0 B32022A3823M***
2200
1200
B32021 ... B32026
Y2 / 300 V AC
Page 5 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32026A3334

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32026A3334 EPCOS-B32026A3334 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors
logo
TDK Electronics
B32026A3334 TDK-B32026A3334 Datasheet
373Kb / 22P
   EMI Suppression Capacitors
logo
EPCOS
B32026A3334K000 EPCOS-B32026A3334K000 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32026A3334K189 EPCOS-B32026A3334K189 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32026A3334K289 EPCOS-B32026A3334K289 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32026A3334

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com