Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32344E Datasheet(PDF) 5 Page - TDK Electronics

Part # B32344E
Description  Film Capacitors - Power Factor Correction
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32344E Datasheet(HTML) 5 Page - TDK Electronics

  B32344E Datasheet HTML 1Page - TDK Electronics B32344E Datasheet HTML 2Page - TDK Electronics B32344E Datasheet HTML 3Page - TDK Electronics B32344E Datasheet HTML 4Page - TDK Electronics B32344E Datasheet HTML 5Page - TDK Electronics B32344E Datasheet HTML 6Page - TDK Electronics B32344E Datasheet HTML 7Page - TDK Electronics B32344E Datasheet HTML 8Page - TDK Electronics B32344E Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Film Capacitors – Power Factor Correction
B32344ExxxxAxxx
PhiCap capacitors
B32344E-series
FILM PFC PM
October 2011
Please read Cautions and warnings and
Page 5 of 10
Important notes at the end of this document.
Three phase capacitors
Rated voltage 220 V, 50/60 Hz, delta connection
50 Hz
60 Hz
Type
Ordering code
Output
kvar
IR
A
Output
kvar
IR
A
CR
µF
Dimensions
d x h
mm
Weight
kg
MKP220-D-1.7
B32344E2021A020
1.7
4.5
2.0
5.2
3
37
79.5 x 138
0.4
MKP220-D-2.1
B32344E2021A520
2.1
5.5
2.5
6.6
3
46
79.5 x 138
0.4
MKP220-D-4.2
B32344E2051A020
4.2
11.0
5.0
13.1
3
91
79.5 x 198
0.6
MKP220-D-6.3
B32344E2071A520
6.3
16.5
7.5
19.7
3
137
89.5 x 198
0.8
MKP220-D-8.3
B32344E2101A020
8.3
21.8
10.0
26.2
3
183
89.5 x 273
1.2
MKP220-D-10.4
B32344E2121A520
10.4
27.3
12.5
32.8
3
229
89.5 x 273
1.5
MKP220-D-12.5
B32344E2151A020
12.5
32.8
15.0
39.4
3
274
89.5 x 348
1.5
Rated voltage 240 V, 50/60 Hz, delta connection
MKP240-D-2.1
B32344E2021A540
2.1
5.1
2.5
6.0
3
38
79.5 x 138
0.4
MKP240-D-2.5
B32344E2031A040
2.5
6.0
3.0
7.2
3
46
79,5 x 138
0.4
MKP240-D-4.2
B32344E2051A040
4.2
10.1
5.0
12.0
3
77
79.5 x 160
0.6
MKP240-D-6.3
B32344E2071A540
6.3
15.2
7.5
18.0
3
115
79.5 x 198
0.6
MKP240-D-6.9
B32344E2081A340
6.9
16.6
8.3
20.0
3
128
89.5 x 198
1.5
MKP240-D-8.3
B32344E2101A040
8.3
20.0
10.0
24.1
3
154
89.5 x 198
0.9
MKP240-D-10.4
B32344E2121A540
10.4
25.0
12.5
30.1
3
192
89.5 x 273
1.2
MKP240-D-12.5
B32344E2151A040
12.5
30.1
15.0
36.0
3
230
89.5 x 273
1.2
MKP240-D-13.9
B32344E2161A740
13.9
33.4
16.7
40.2
3
256 89.5 x 348
1.2
Rated voltage 380 V, 50/60 Hz, delta connection
MKP380-D-6.2
B32344E3071A580
6.2
9.4
7.5
11.4
3
46
79.5 x 160
0.5
MKP380-D-8.3
B32344E3101A080
8.3
12.6
10.0
15.2
3
61
79.5 x 160
0.5
MKP380-D-10.4
B32344E3121A580
10.4
15.8
12.5
19.0
3
77
79.5 x 198
0.6
MKP380-D-12.5
B32344E3151A080
12.5
19.0
15.0
22.8
3
92
89.5 x 198
0.8
MKP380-D-16.7
B32344E3201A080
16.7
25.4
20.0
30.4
3
123
89.5 x 273
1.2
MKP380-D-20.8
B32344E3251A080
20.8
31.6
25.0
38.0
3
153
89.5 x 273
1.2


Similar Part No. - B32344E

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E2022A030 TDK-B32344E2022A030 Datasheet
262Kb / 11P
   Film Capacitors - Power Factor Correction
B32344E2022A530 TDK-B32344E2022A530 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E2052A030 TDK-B32344E2052A030 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E2072A530 TDK-B32344E2072A530 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E2102A030 TDK-B32344E2102A030 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
More results

Similar Description - B32344E

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com