Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMK316BLD106KL-T Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # TMK316BLD106KL-T
Description  Low Distortion High Value Multilayer Ceramic Capacitors(CF_LD)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

TMK316BLD106KL-T Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  TMK316BLD106KL-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc TMK316BLD106KL-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data- 12CWA08
RoHS compliance product
TMK316BLD106KL
25V 3216 X5R 10uF +/- 10% t=1.9mmMAX
25V 1206 X5R 10uF +/- 10% t=0.075inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification
TMK316BLD106KL
Capacitance Freq.
1
10
100
1000
0.001 0.01
0.1
1
10
100 1000 10000
Frequency[MHz]
TMK316BLD106KL
DC Bias Char.
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
0
5
10
15
20
25
DC Bias Voltage[V]
TMK316BLD106KL
Impedance,ESR Freq.
0.001
0.01
0.1
1
10
100
1000
0.001 0.01
0.1
1
10
100 1000 10000
Frequency[MHz]
ESR
Z
TMK316BLD106KL
Capacitance Temp.
-30
-20
-10
0
10
-55
-35
-15
5
25
45
65
85
Temperature[degreeC]
TMK316BLD106KL
Ripple Current
1
10
100
00.5
11.5
22.5
33.5
44.5
Ripple Current[Arms]
10kHz
100kHz
1M Hz


Similar Part No. - TMK316BLD106KL-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316BLD106ML-T TAIYO-YUDEN-TMK316BLD106ML-T Datasheet
289Kb / 2P
   Low Distortion High Value Multilayer Ceramic Capacitors(CF_LD)
More results

Similar Description - TMK316BLD106KL-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UMK107BLD224KA-T TAIYO-YUDEN-UMK107BLD224KA-T Datasheet
137Kb / 1P
   Low Distortion High Value Multilayer Ceramic Capacitors(CF_LD)
UMK325LD155KM-T TAIYO-YUDEN-UMK325LD155KM-T Datasheet
137Kb / 1P
   Low Distortion High Value Multilayer Ceramic Capacitors(CF_LD)
TMK107BLD105MA-T TAIYO-YUDEN-TMK107BLD105MA-T Datasheet
289Kb / 2P
   Low Distortion High Value Multilayer Ceramic Capacitors(CF_LD)
GMK212BLD225MG-T TAIYO-YUDEN-GMK212BLD225MG-T Datasheet
289Kb / 2P
   Low Distortion High Value Multilayer Ceramic Capacitors(CF_LD)
GMK212LD105KG-T TAIYO-YUDEN-GMK212LD105KG-T Datasheet
289Kb / 2P
   Low Distortion High Value Multilayer Ceramic Capacitors(CF_LD)
UMK316LD105ML-T TAIYO-YUDEN-UMK316LD105ML-T Datasheet
288Kb / 2P
   Low Distortion High Value Multilayer Ceramic Capacitors(CF_LD)
TMK107BLD474MA-T TAIYO-YUDEN-TMK107BLD474MA-T Datasheet
143Kb / 1P
   Low Distortion High Value Multilayer Ceramic Capacitors(CF_LD)
UMK325LD105KN-T TAIYO-YUDEN-UMK325LD105KN-T Datasheet
288Kb / 2P
   Low Distortion High Value Multilayer Ceramic Capacitors(CF_LD)
UMK325LD105MN-T TAIYO-YUDEN-UMK325LD105MN-T Datasheet
288Kb / 2P
   Low Distortion High Value Multilayer Ceramic Capacitors(CF_LD)
TMK107BLD474KA-T TAIYO-YUDEN-TMK107BLD474KA-T Datasheet
137Kb / 1P
   Low Distortion High Value Multilayer Ceramic Capacitors(CF_LD)
GMK316BLD475ML-T TAIYO-YUDEN-GMK316BLD475ML-T Datasheet
290Kb / 2P
   Low Distortion High Value Multilayer Ceramic Capacitors(CF_LD)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com