Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB184_2015 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BB184_2015
Description  UHF low voltage variable capacitance diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BB184_2015 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BB184_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BB184_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BB184_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BB184_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BB184_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BB184_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BB184_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
9397 750 13004
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 22 April 2004
2 of 7
Philips Semiconductors
BB184
UHF low voltage variable capacitance diode
4.
Marking
5.
Limiting values
6.
Characteristics
Table 3:
Marking
Type number
Marking code
BB184
A2
Table 4:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
continuous reverse voltage
-
13
V
IF
continuous forward current
-
10
mA
Tstg
storage temperature
−55
+150
°C
Tj
operating junction temperature
−55
+125
°C
Table 5:
Electrical characteristics
Tj = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IR
reverse current
VR = 10 V; see Figure 2
--10
nA
VR = 10 V; Tj = 85 °C; see Figure 2
-
-
200
nA
rs
diode series resistance f = 470 MHz; Cd = 9 pF
-
0.65
-
Cd
diode capacitance
f = 1 MHz; see Figure 1 and 3
VR = 1 V
12.7
14
15.3
pF
VR = 4 V
-
5.5
-
pF
VR = 10 V
1.87
2
2.13
pF
capacitance ratio
f = 1 MHz
6
7
-
capacitance matching
VR = 1 to 10 V; in a sequence of 5 diodes
(gliding)
--2
%
C
d1V
()
C
d10V
()
-------------------
∆C
d
C
d
----------


Similar Part No. - BB184_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BB184 JMNIC-BB184_15 Datasheet
48Kb / 7P
   UHF low voltage variable capacitance diode
More results

Similar Description - BB184_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB184 PHILIPS-BB184 Datasheet
41Kb / 7P
   UHF low voltage variable capacitance diode
Rev. 02-22 April 2004
logo
Quanzhou Jinmei Electro...
BB184 JMNIC-BB184_15 Datasheet
48Kb / 7P
   UHF low voltage variable capacitance diode
logo
Leshan Radio Company
BB179 LRC-BB179 Datasheet
140Kb / 2P
   UHF variable capacitance diode
logo
NXP Semiconductors
BB146 PHILIPS-BB146 Datasheet
29Kb / 4P
   UHF variable capacitance diode
1996 Sep 20
BB149A PHILIPS-BB149A Datasheet
53Kb / 8P
   UHF variable capacitance diode
1997 Dec 17
BB215 PHILIPS-BB215 Datasheet
28Kb / 4P
   UHF variable capacitance diode
1996 May 03
logo
Unisonic Technologies
BB179 UTC-BB179 Datasheet
114Kb / 2P
   UHF VARIABLE CAPACITANCE DIODE
logo
NXP Semiconductors
BB179BLX NXP-BB179BLX Datasheet
57Kb / 7P
   UHF variable capacitance diode
Rev. 01-29 January 2009
BB189 NXP-BB189 Datasheet
51Kb / 6P
   UHF variable capacitance diode
Rev. 01-8 June 2009
BB149 PHILIPS-BB149_04 Datasheet
43Kb / 7P
   UHF variable capacitance diode
Rev. 05-4 October 2004
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com