Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB178LX_2015 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BB178LX_2015
Description  UHF variable capacitance diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BB178LX_2015 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BB178LX_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BB178LX_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BB178LX_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BB178LX_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BB178LX_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BB178LX_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BB178LX_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BB178LX_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 14 April 2006
2 of 7
Philips Semiconductors
BB178LX
UHF variable capacitance diode
4.
Marking
5.
Limiting values
6.
Characteristics
Table 3.
Marking
Type number
Marking code
BB178LX
L3
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
32
V
IF
forward current
-
20
mA
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−55
+125
°C
Table 5.
Characteristics
Tj = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IR
reverse current
see Figure 3
VR =30V
-
-
10
nA
VR =30V; Tj =85 °C
-
-
200
nA
rs
diode series resistance
f = 470 MHz; Cd = 30 pF; see Figure 2
-
0.7
-
Cd
diode capacitance
see Figure 1 and Figure 4; f = 1 MHz;
VR = 1 V
34.65
-
42.35
pF
VR = 28 V
2.36
2.6
2.75
pF
diode capacitance ratio
f = 1 MHz
-
1.3
-
diode capacitance ratio
f = 1 MHz
13.5
15
-
diode capacitance ratio
f = 1 MHz
-
1.08
-
diode capacitance
matching
VR = 1 V to 28 V; in sequence of 5
diodes (gliding)
--2
%
C
d1V
()
C
d2V
()
----------------
C
d1V
()
C
d28V
()
-------------------
C
d25V
()
C
d28V
()
-------------------
∆C
d
C
d
----------


Similar Part No. - BB178LX_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BB178LX JMNIC-BB178LX_15 Datasheet
55Kb / 7P
   UHF variable capacitance diode
More results

Similar Description - BB178LX_2015

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BB179 LRC-BB179 Datasheet
140Kb / 2P
   UHF variable capacitance diode
logo
NXP Semiconductors
BB146 PHILIPS-BB146 Datasheet
29Kb / 4P
   UHF variable capacitance diode
1996 Sep 20
BB149A PHILIPS-BB149A Datasheet
53Kb / 8P
   UHF variable capacitance diode
1997 Dec 17
BB215 PHILIPS-BB215 Datasheet
28Kb / 4P
   UHF variable capacitance diode
1996 May 03
logo
Unisonic Technologies
BB179 UTC-BB179 Datasheet
114Kb / 2P
   UHF VARIABLE CAPACITANCE DIODE
logo
NXP Semiconductors
BB179BLX NXP-BB179BLX Datasheet
57Kb / 7P
   UHF variable capacitance diode
Rev. 01-29 January 2009
BB189 NXP-BB189 Datasheet
51Kb / 6P
   UHF variable capacitance diode
Rev. 01-8 June 2009
BB149 PHILIPS-BB149_04 Datasheet
43Kb / 7P
   UHF variable capacitance diode
Rev. 05-4 October 2004
BB135 PHILIPS-BB135 Datasheet
53Kb / 8P
   UHF variable capacitance diode
1998 Sep 15
BB149 PHILIPS-BB149 Datasheet
54Kb / 8P
   UHF variable capacitance diode
1998 Sep 15
BB159 PHILIPS-BB159 Datasheet
29Kb / 4P
   UHF variable capacitance diode
1996 Oct 03
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com