Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VPL24-210 Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # VPL24-210
Description  Chassis Mount International Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

VPL24-210 Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  VPL24-210 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P O W E R T R A N S F O R M E R
Chassis Mount : International Series
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
VPL24-210
Electrical Specifications (@25C)
1. Maximum Power: 5.0VA
2. Input Voltage – Series:
230VAC @ 50/60Hz, Parallel: 115VAC@ 50/60Hz
3. Output Voltage – Series
1: 24.0V CT@ 0.210A, Parallel2: 12.0V @ 0.420A
4. Voltage Regulation: 20% TYP @ full load to no load
5. Hipot: 3500VAC between primary to secondary and windings to core.
Construction:
Dual winding construction with an insulated shroud, both made of a high temperature
material that exceeds UL flammability requirements. Shrouds are provided over the
connections of the leads to the windings on both primary and secondary coils. Devices are
designed with a minimum of 6mm creepage distance between the primary and secondary
and are manufactured with a Class B (130°C) insulation system.
Agency Files:
UL File: E65390, UL 5085-1 and 3 (formerly UL1585), Class 2/3
cUL: File E65390, For Canadian Use (CSA 22.2, No.66.1-06 and No.66.3-06)
TUV Certificate No.: R72103639, EN60950, Information Technology
Dimensions:
Units: In inches
A
B
C
D
E
F
1.437
2.375
1.437
2.00
8.00
0.187
Weight: 0.4 lbs.
Connections
3:
Input:
Series – BLK to BLU, Jumper WHT to BRN
Parallel – BLK to BLU, Jumper BLK to BRN and WHT to BLU
Output: Series – RED to GRY, Jumper YEL to VIO
Parallel – RED to GRY, Jumper RED to VIO and YEL to GRY
RoHS Compliance: As of manufacturing date February 2005, all standard products meet the
requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad Magnetics’
website for the most current version.
1 Inherently limited. No fusing required. Class 2 not wet, Class 3 wet.
2 Inherently limited. No fusing required. Class 2 not wet, Class 3 wet.
3 Primary and secondary windings are designed to be connected in series or parallel. Winding are not
intended to be used independently.
BLK
WHT
BRN
BLU
RED
YEL
VIO
GRY
SCHEMATIC
A
D
C
B
F
E


Similar Part No. - VPL24-210

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPL24-210 TRIAD-VPL24-210_13 Datasheet
125Kb / 1P
   Chassis Mount : International Series
More results

Similar Description - VPL24-210

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPL12-4000 TRIAD-VPL12-4000 Datasheet
47Kb / 1P
   Chassis Mount : International Series
VPL26-190 TRIAD-VPL26-190 Datasheet
126Kb / 1P
   Chassis Mount : International Series
VPL10-2500 TRIAD-VPL10-2500 Datasheet
46Kb / 1P
   Chassis Mount : International Series
VPL12-400 TRIAD-VPL12-400 Datasheet
47Kb / 1P
   Chassis Mount : International Series
VPL2-10000 TRIAD-VPL2-10000 Datasheet
46Kb / 1P
   Chassis Mount : International Series
VPL10-5000 TRIAD-VPL10-5000 Datasheet
46Kb / 1P
   Chassis Mount : International Series
VPL16-300 TRIAD-VPL16-300 Datasheet
47Kb / 1P
   Chassis Mount : International Series
VPL26-1800 TRIAD-VPL26-1800 Datasheet
46Kb / 1P
   Chassis Mount : International Series
VPL16-3100 TRIAD-VPL16-3100 Datasheet
46Kb / 1P
   Chassis Mount : International Series
VPL20-250 TRIAD-VPL20-250 Datasheet
47Kb / 1P
   Chassis Mount : International Series
VPL20-2500 TRIAD-VPL20-2500 Datasheet
46Kb / 1P
   Chassis Mount : International Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com