Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA6450V Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATMEGA6450V
Description  High Endurance Non-volatile Memory Segments
Download  362 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA6450V Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATMEGA6450V_14 Datasheet HTML 6Page - ATMEL Corporation ATMEGA6450V_14 Datasheet HTML 7Page - ATMEL Corporation ATMEGA6450V_14 Datasheet HTML 8Page - ATMEL Corporation ATMEGA6450V_14 Datasheet HTML 9Page - ATMEL Corporation ATMEGA6450V_14 Datasheet HTML 10Page - ATMEL Corporation ATMEGA6450V_14 Datasheet HTML 11Page - ATMEL Corporation ATMEGA6450V_14 Datasheet HTML 12Page - ATMEL Corporation ATMEGA6450V_14 Datasheet HTML 13Page - ATMEL Corporation ATMEGA6450V_14 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 362 page
background image
10
2570N–AVR–05/11
ATmega325/3250/645/6450
7.
AVR CPU Core
7.1
Overview
This section discusses the Atmel® AVR® core architecture in general. The main function of the
CPU core is to ensure correct program execution. The CPU must therefore be able to access
memories, perform calculations, control peripherals, and handle interrupts.
7.2
Architectural Overview
Figure 7-1.
Block Diagram of the AVR Architecture
In order to maximize performance and parallelism, the AVR uses a Harvard architecture – with
separate memories and buses for program and data. Instructions in the program memory are
executed with a single level pipelining. While one instruction is being executed, the next instruc-
tion is pre-fetched from the program memory. This concept enables instructions to be executed
in every clock cycle. The program memory is In-System Reprogrammable Flash memory.
Flash
Program
Memory
Instruction
Register
Instruction
Decoder
Program
Counter
Control Lines
32 x 8
General
Purpose
Registrers
ALU
Status
and Control
I/O Lines
EEPROM
Data Bus 8-bit
Data
SRAM
Interrupt
Unit
SPI
Unit
Watchdog
Timer
Analog
Comparator
I/O Module 2
I/O Module1
I/O Module n


Similar Part No. - ATMEGA6450V_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA6450V-8AI ATMEL-ATMEGA6450V-8AI Datasheet
2Mb / 347P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA6450V-8AI ATMEL-ATMEGA6450V-8AI Datasheet
322Kb / 27P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA6450V-8AI ATMEL-ATMEGA6450V-8AI Datasheet
3Mb / 353P
   8-bit Microcontroller with In-System Programmable Flash
ATmega6450V-8AI ATMEL-ATmega6450V-8AI Datasheet
780Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA6450V-8AJ ATMEL-ATMEGA6450V-8AJ Datasheet
2Mb / 347P
   8-bit Microcontroller with In-System Programmable Flash
More results

Similar Description - ATMEGA6450V_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA325P ATMEL-ATMEGA325P_14 Datasheet
5Mb / 364P
   High Endurance Non-volatile Memory segments
ATMEGA48 ATMEL-ATMEGA48_14 Datasheet
8Mb / 377P
   High endurance non-volatile memory segments
ATMEGA88V ATMEL-ATMEGA88V_14 Datasheet
8Mb / 377P
   High endurance non-volatile memory segments
ATMEGA649 ATMEL-ATMEGA649_14 Datasheet
6Mb / 392P
   High Endurance Non-volatile Memory Segments
ATMEGA168 ATMEL-ATMEGA168_14 Datasheet
8Mb / 377P
   High endurance non-volatile memory segments
ATTINY13V ATMEL-ATTINY13V_14 Datasheet
3Mb / 176P
   High Endurance Non-volatile Memory segments
ATTINY88 ATMEL-ATTINY88 Datasheet
4Mb / 246P
   High Endurance Non-volatile Memory Segments
ATMEGA165PV ATMEL-ATMEGA165PV_14 Datasheet
7Mb / 364P
   High Endurance Non-volatile Memory segments
ATMEGA128L ATMEL-ATMEGA128L_14 Datasheet
6Mb / 386P
   High Endurance Non-volatile Memory segments
ATMEGA3250 ATMEL-ATMEGA3250_14 Datasheet
6Mb / 362P
   High Endurance Non-volatile Memory Segments
ATMEGA6490 ATMEL-ATMEGA6490_14 Datasheet
6Mb / 392P
   High Endurance Non-volatile Memory Segments
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com