Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B81192C3474 Datasheet(PDF) 4 Page - TDK Electronics

Part # B81192C3474
Description  Film Capacitors EMI Suppression Capacitors (MKP)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B81192C3474 Datasheet(HTML) 4 Page - TDK Electronics

  B81192C3474 Datasheet HTML 1Page - TDK Electronics B81192C3474 Datasheet HTML 2Page - TDK Electronics B81192C3474 Datasheet HTML 3Page - TDK Electronics B81192C3474 Datasheet HTML 4Page - TDK Electronics B81192C3474 Datasheet HTML 5Page - TDK Electronics B81192C3474 Datasheet HTML 6Page - TDK Electronics B81192C3474 Datasheet HTML 7Page - TDK Electronics B81192C3474 Datasheet HTML 8Page - TDK Electronics B81192C3474 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Ordering codes and packing units
Lead spacing
mm
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Untaped
crimped
pcs./MOQ
Untaped
straight
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
010 = Untaped (crimped, lead length 6
1 mm)
008 = Untaped (straight, lead length 17
±3 mm)
10
0.010
7.0
× 15.0 × 13.0 B81192C3103+***
2000
2000
0.015
7.5
× 15.0 × 13.0 B81192C3153+***
2000
2000
0.022
7.5
× 15.0 × 13.0 B81192C3223+***
2000
2000
15
0.033
7.5
× 13.5 × 18.0 B81192C3333+***
2000
2000
0.039
7.5
× 14.5 × 18.0 B81192C3393+***
2000
2000
0.047
7.5
× 14.5 × 18.0 B81192C3473+***
2000
2000
0.056
8.0
× 15.5 × 18.0 B81192C3563+***
2000
2000
0.068
8.5
× 16.0 × 18.0 B81192C3683+***
2000
2000
0.082
9.5
× 16.5 × 18.0 B81192C3823+***
2000
2000
0.10
10.0
× 17.5 × 18.0 B81192C3104+***
2000
2000
22.5
0.12
9.0
× 17.5 × 26.0 B81192C3124+***
2000
2000
0.15
9.0
× 17.5 × 26.0 B81192C3154+***
2000
2000
0.18
10.0
× 19.5 × 26.0 B81192C3184+***
2000
2000
0.22
10.5
× 19.5 × 26.0 B81192C3224+***
2000
2000
0.27
11.5
× 20.5 × 26.0 B81192C3274+***
1000
1000
0.33
13.0
× 21.5 × 26.0 B81192C3334+***
1000
1000
0.39
14.0
× 22.5 × 26.0 B81192C3394+***
1000
1000
27.5
0.47
13.5
× 24.5 × 31.0 B81192C3474+***
1000
1000
0.56
15.0
× 25.5 × 31.0 B81192C3564+***
1000
1000
0.68
16.5
× 26.5 × 31.0 B81192C3684+***
1000
1000
1.0
18.5
× 29.0 × 31.0 B81192C3105+***
600
600
B81192
X3 / 250 V AC
Page 4 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B81192C3474

ManufacturerPart #DatasheetDescription
logo
EPCOS
B81192C3474K EPCOS-B81192C3474K Datasheet
291Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
B81192C3474M EPCOS-B81192C3474M Datasheet
291Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B81192C3474

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32021 EPCOS-B32021 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32922C3104M783 EPCOS-B32922C3104M783 Datasheet
312Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921C EPCOS-B32921C_12 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32032 TDK-B32032 Datasheet
634Kb / 25P
   Film Capacitors EMI Suppression Capacitors (MKP)
November 2019
logo
EPCOS
B32923E EPCOS-B32923E Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921C3103M289 EPCOS-B32921C3103M289 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921 EPCOS-B32921 Datasheet
256Kb / 9P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32922H TDK-B32922H Datasheet
308Kb / 21P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32911 EPCOS-B32911_10 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32911 EPCOS-B32911_09 Datasheet
310Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com