Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32362A4257J080 Datasheet(PDF) 4 Page - TDK Electronics

Part # B32362A4257J080
Description  Film Capacitors - Power Factor Correction
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32362A4257J080 Datasheet(HTML) 4 Page - TDK Electronics

  B32362A4257J080 Datasheet HTML 1Page - TDK Electronics B32362A4257J080 Datasheet HTML 2Page - TDK Electronics B32362A4257J080 Datasheet HTML 3Page - TDK Electronics B32362A4257J080 Datasheet HTML 4Page - TDK Electronics B32362A4257J080 Datasheet HTML 5Page - TDK Electronics B32362A4257J080 Datasheet HTML 6Page - TDK Electronics B32362A4257J080 Datasheet HTML 7Page - TDK Electronics B32362A4257J080 Datasheet HTML 8Page - TDK Electronics B32362A4257J080 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Film Capacitors – Power Electronic Capacitors
B3236*
General purpose applications
MKP AC
CAP FILM P PM
August 2013
Please read Cautions and warnings and
Page 4 of 9
Important notes at the end of this document.
VR
Specifications and characteristics
Rated capacitance CR:
10 µF … 600 µF
Tolerance:
±5%
*:
θstg – Storage temperature.
**: Considering mounting position with terminals to the top. For other mounting position, please request evaluation.
***:
θhs – Maximimum temperature allowed at the capacitors hot spot.
Rated AC
voltage
VRMS
Rated AC
voltage
VRAC
Rated DC
voltage
VRDC
Repetitive
peak voltage
VN
Non repetitive
peak voltage
VS
250 V
350 V
750 V
450 V
1125 V
330 V
460 V
900 V
600 V
1350 V
480 V
680 V
1200 V
850 V
1800 V
Test data
Voltage between terminals VTT:
2.15 · VRMS, 2 s
Voltage between terminals and
aluminum can VTC:
4000 V RMS, 2 s
Dissipation factor tan
δ at 100 Hz:
≤ 1.0 · 10
-3
Life test:
IEC 61071
Life expectancy:
100 000 hours for VRMS |
ΔC/C| ≤ 3%
Climatic category: 40/70/21
θstg*:
–40 °C ... +85 °C
θmin:
–40 °C
θmax**:
+70 °C C
θhs***:
+85 °
Max. permissible humidity:
95% (ttest = 21 days)
Max. permissible altitude:
2000 m above sea level
Mechanical characteristics
Max. torque (case):
M12:
12 Nm
Max. torque (terminal):
M6:
4 Nm
M10:
10 Nm


Similar Part No. - B32362A4257J080

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32362A4257J080 EPCOS-B32362A4257J080 Datasheet
669Kb / 12P
   Film capacitors - Power Electronic Capacitors
B32362A4257J080 EPCOS-B32362A4257J080 Datasheet
726Kb / 16P
   Power Capacitors for Industrial Applications and Renewable Energy
More results

Similar Description - B32362A4257J080

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com