Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B81123C1102M Datasheet(PDF) 5 Page - TDK Electronics

Part # B81123C1102M
Description  Film Capacitors - EMI Suppression Capacitors (MKP)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B81123C1102M Datasheet(HTML) 5 Page - TDK Electronics

  B81123C1102M Datasheet HTML 1Page - TDK Electronics B81123C1102M Datasheet HTML 2Page - TDK Electronics B81123C1102M Datasheet HTML 3Page - TDK Electronics B81123C1102M Datasheet HTML 4Page - TDK Electronics B81123C1102M Datasheet HTML 5Page - TDK Electronics B81123C1102M Datasheet HTML 6Page - TDK Electronics B81123C1102M Datasheet HTML 7Page - TDK Electronics B81123C1102M Datasheet HTML 8Page - TDK Electronics B81123C1102M Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Technical data
Reference standard: IEC / UL 60384-14. All data given at T = 20
°C unless otherwise specified.
Max. operating temperature Top,max
+110
°C
Dissipation factor tan
δ (in 10-3)
at
1 kHz
1.0
at 20
°C (upper limit values)
100 kHz
5.0
Insulation resistance Rins
30 000 M
or time constant
τ = C
R
Rins
at 20
°C, rel. humidity ≤ 65%
(minimum as-delivered values)
DC test voltage
4800 V, 2 s
The repetition of this DC voltage test may damage the capacitor. Special care must be taken in
case of use several capacitors in a parallel configuration.
Passive flammability category
B
Maximum continuous AC voltage VAC 750 V (50/60 Hz)
Rated AC voltage (UL60384)
500 V (50/60 Hz)
Maximum continuous DC voltage VDC 3000 V
Top
≤ 110 °C V
op = VAC
(continuously)
temperature
Top
≤ 110 °C V
op = 1.25
VAC
(1000 h)
Damp heat test
56 days / 40
°C / 93% relative humidity
Limit values after damp heat test
Capacitance change
∆C/C
≤ 5%
Dissipation factor change
∆ tan δ ≤ 0.5 10-3 (at 1 kHz)
Insulation resistance Rins
≤ 1.0 10-3 (at 100 kHz)
or time constant
τ = C
R
Rins
≥ 50% of minimum
as-delivered values
B81123
Y1 / 250 V AC
Page 5 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B81123C1102M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B81123C1102M TDK-B81123C1102M Datasheet
333Kb / 19P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B81123C1102M000 EPCOS-B81123C1102M000 Datasheet
188Kb / 6P
   EMI suppression capacitors (MKP) Y1 / 250 VAC
B81123C1102M000 EPCOS-B81123C1102M000 Datasheet
286Kb / 16P
   EMI Suppression Capacitors (MKP)
B81123C1102M000 EPCOS-B81123C1102M000 Datasheet
286Kb / 16P
   Film Capacitors
B81123C1102M189 EPCOS-B81123C1102M189 Datasheet
188Kb / 6P
   EMI suppression capacitors (MKP) Y1 / 250 VAC
More results

Similar Description - B81123C1102M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32021 EPCOS-B32021 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32922C3104M783 EPCOS-B32922C3104M783 Datasheet
312Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921C EPCOS-B32921C_12 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32032 TDK-B32032 Datasheet
634Kb / 25P
   Film Capacitors EMI Suppression Capacitors (MKP)
November 2019
logo
EPCOS
B32923E EPCOS-B32923E Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81192 TDK-B81192 Datasheet
286Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32921C3103M289 EPCOS-B32921C3103M289 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921 EPCOS-B32921 Datasheet
256Kb / 9P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32922H TDK-B32922H Datasheet
308Kb / 21P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32911 EPCOS-B32911_10 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32911 EPCOS-B32911_09 Datasheet
310Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com