Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32344E5201A020 Datasheet(PDF) 2 Page - TDK Electronics

Part # B32344E5201A020
Description  Film Capacitors - Power Factor Correction
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32344E5201A020 Datasheet(HTML) 2 Page - TDK Electronics

  B32344E5201A020 Datasheet HTML 1Page - TDK Electronics B32344E5201A020 Datasheet HTML 2Page - TDK Electronics B32344E5201A020 Datasheet HTML 3Page - TDK Electronics B32344E5201A020 Datasheet HTML 4Page - TDK Electronics B32344E5201A020 Datasheet HTML 5Page - TDK Electronics B32344E5201A020 Datasheet HTML 6Page - TDK Electronics B32344E5201A020 Datasheet HTML 7Page - TDK Electronics B32344E5201A020 Datasheet HTML 8Page - TDK Electronics B32344E5201A020 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Film Capacitors – Power Factor Correction
B32344E5201A020
PhiCap capacitors
MKP525-D-16.7
FILM PFC PM
June 2011
Please read Cautions and warnings and
Page 2 of 10
Important notes at the end of this document
.
Construction
Dielectric: Polypropylene film
Non-PCB, semi-dry biodegradable resin
Extruded round aluminium can with stud
Provided with ceramic discharge module
Triple safety system
Features
Three-phase, delta connected
Self-healing technology
Naturally air cooled (or forced air cooling)
Indoor mounting
Typical applications
For power factor correction
Terminals
Optimized capacitor safety terminals
Mounting
Threaded stud at bottom of can
(max. torque for M12 = 10 Nm)
Technical data and specifications
Characteristics
MKP525-D-16.7
Rated capacitance CN
3 × 64.5 µF
Tolerance
–5 / +10%
Connection
D (Delta)
Rated voltage VN
525 V AC
Rated frequency fN
50 Hz
60 Hz
Output
16.7 kvar
20.0 kvar
Rated current IR
18.3 A
21.9 A
tan δ0 (dielectric)
0.2 W / kvar
WN
54 Ws
RS
3.18 m


Similar Part No. - B32344E5201A020

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E5202A020 TDK-B32344E5202A020 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
More results

Similar Description - B32344E5201A020

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com