Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF750LVC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATF750LVC
Description  Product Term or Direct Input Pin Clocking
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF750LVC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATF750LVC_14 Datasheet HTML 2Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 3Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 4Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 5Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 6Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 7Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 8Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 9Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
1447F–PLD–11/08
ATF750LVC
14. AC Waveforms, Product Term Clock(1)
Note:
1. Timing measurement reference is 1.5V. Input AC driving levels are 0.0V and 3.0V, unless otherwise specified.
Note:
1. See ordering information for valid part numbers.
15. AC Characteristics, Product Term Clock
(1)
Symbol
Parameter
-15 (5V Operation)
-15 (3V Operation)
Units
Min
Max
Min
Max
tPD
Input or Feedback to Non-registered Output
10
15
ns
tEA
Input to Output Enable
10
15
ns
t
ER
Input to Output Disable
10
15
ns
tCO
Clock to Output
4
10
5
12
ns
tCF
Clock to Feedback
4
7.5
5
9
ns
t
S
Input Setup Time
4
8
ns
tSF
Feedback Setup Time
4
7
ns
t
H
Hold Time
2
5
ns
t
P
Clock Period
11
14
ns
tW
Clock Width
5.5
7
ns
f
MAX
External Feedback 1/(t
S + tCO)71
50
MHz
Internal Feedback 1/(t
SF + tCF)86
62
MHz
No Feedback 1/(tP)90
71
MHz
t
AW
Asynchronous Reset Width
10
15
ns
t
AR
Asynchronous Reset Recovery Time
10
15
ns
tAP
Asynchronous Reset to Registered Output Reset
12
15
ns
t
SP
Setup Time, Synchronous Preset
7
8
ns


Similar Part No. - ATF750LVC_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF750LVC-15JC ATMEL-ATF750LVC-15JC Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF750LVC-15JI ATMEL-ATF750LVC-15JI Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF750LVC-15JU ATMEL-ATF750LVC-15JU Datasheet
441Kb / 19P
   High-speed Complex Programmable Logic Device
ATF750LVC-15PC ATMEL-ATF750LVC-15PC Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF750LVC-15PI ATMEL-ATF750LVC-15PI Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
More results

Similar Description - ATF750LVC_14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9164 ETC2-9164 Datasheet
154Kb / 1P
   ACCEPTS ONE 14 OR 16-PIN S.O.I.C. or TWO 8-PIN SOICs DIRECT PIN OUT OR ADD ADDITIONAL COMPONENTS
logo
Samsung semiconductor
K4R881869I-DC SAMSUNG-K4R881869I-DC Datasheet
45Kb / 4P
   Direct RDRAM Product Guide
logo
List of Unclassifed Man...
9163 ETC2-9163 Datasheet
153Kb / 1P
   ACCEPTS ONE 14 OR 16-PIN S.O.I.C. or TWO 8-PIN SOICs DIRECT PINOUT OR ADD ADDITIONAL COMPONENTS
logo
IK Semicon Co., Ltd
IL8190 IKSEMICON-IL8190 Datasheet
493Kb / 13P
   Direct Sensor Input
logo
Texas Instruments
SN74LV4T86-EP TI1-SN74LV4T86-EP_V01 Datasheet
1Mb / 23P
[Old version datasheet]   SN74LV4T86-EP Enhanced Product, Quadruple 2-Input Exclusive-OR Gates
NOVEMBER 2023
SN74LV4T86-EP TI-SN74LV4T86-EP Datasheet
959Kb / 18P
[Old version datasheet]   SN74LV4T86-EP Enhanced Product, Quadruple 2-Input Exclusive-OR Gates
NOVEMBER 2023
logo
Integrated Device Techn...
932SQ426 IDT-932SQ426_16 Datasheet
375Kb / 25P
   DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
logo
Linear Technology
LTC6951 LINER-LTC6951 Datasheet
524Kb / 6P
   Multichannel JESD204B ADC with Clocking
logo
Silicon Laboratories
AN663 SILABS-AN663 Datasheet
84Kb / 12P
   PRECISION32??MCU FAMILY CLOCKING OPTIONS
logo
Glenair, Inc.
370MS037 GLENAIR-370MS037 Datasheet
160Kb / 1P
   Direct or Rotatable Coupling Environmental Backshell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com