Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF750LVC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATF750LVC
Description  Product Term or Direct Input Pin Clocking
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF750LVC Datasheet(HTML) 5 Page - ATMEL Corporation

  ATF750LVC_14 Datasheet HTML 1Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 2Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 3Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 4Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 5Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 6Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 7Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 8Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
1447F–PLD–11/08
ATF750LVC
Notes:
1. Not more than one output at a time should be shorted. Duration of short circuit test should not exceed 30 sec.
2. This test is performed at initial characterisation only.
12. Input Test Waveforms and Measurement Levels
t
R, tF < 3 ns (10% to 90%)
13. Output Test Load
11. DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
CC
Power Supply
Voltage
3V Operation
3.0
3.3
3.6
V
5V Operation
Com.
4.75
5.0
5.25
V
Ind.
4.5
5.0
5.5
V
I
LI
Input Load Current
V
IN = -0.1V to VCC + 1V
10
µA
I
LO
Output Leakage
Current
V
OUT = -0.1V to VCC + 0.1V
10
µA
ICC
Power Supply
Current, Standby
V
CC = 3.6V
VIN = 3.6V
Outputs Open
C-15
Com.
65
90
mA
Ind.
70
100
mA
ICC
Power Supply
Current, Standby
V
CC = 5.25V
VIN = 5.25V
Outputs Open
C-15
Com.
100
180
mA
Ind.
110
190
mA
IOS
(1)(2)
Output Short
Circuit Current
VOUT = 0.5V
-120
mA
VIL
Input Low Voltage
Min
≤ V
CC ≤ Max
-0.6
0.8
V
VIH
Input High Voltage
2.0
V
CC +
0.75
V
V
OL
Output Low
Voltage
VIN = VIH or VIL,
VCC = Min
IOL = 16 mA
Com., Ind.
0.5
V
I
OL = 12 mA
Mil.
0.5
V
IOL = 24 mA
Com.
0.8
V
VOH
Output High
Voltage
V
IN = VIH or VIL,
V
CC = Min
I
OH = -100 µA
VCC - 0.3V
V
I
OH = -2.0 mA
2.4
V
VCC
348
Ω
316
Ω


Similar Part No. - ATF750LVC_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF750LVC-15JC ATMEL-ATF750LVC-15JC Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF750LVC-15JI ATMEL-ATF750LVC-15JI Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF750LVC-15JU ATMEL-ATF750LVC-15JU Datasheet
441Kb / 19P
   High-speed Complex Programmable Logic Device
ATF750LVC-15PC ATMEL-ATF750LVC-15PC Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF750LVC-15PI ATMEL-ATF750LVC-15PI Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
More results

Similar Description - ATF750LVC_14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9164 ETC2-9164 Datasheet
154Kb / 1P
   ACCEPTS ONE 14 OR 16-PIN S.O.I.C. or TWO 8-PIN SOICs DIRECT PIN OUT OR ADD ADDITIONAL COMPONENTS
logo
Samsung semiconductor
K4R881869I-DC SAMSUNG-K4R881869I-DC Datasheet
45Kb / 4P
   Direct RDRAM Product Guide
logo
List of Unclassifed Man...
9163 ETC2-9163 Datasheet
153Kb / 1P
   ACCEPTS ONE 14 OR 16-PIN S.O.I.C. or TWO 8-PIN SOICs DIRECT PINOUT OR ADD ADDITIONAL COMPONENTS
logo
IK Semicon Co., Ltd
IL8190 IKSEMICON-IL8190 Datasheet
493Kb / 13P
   Direct Sensor Input
logo
Texas Instruments
SN74LV4T86-EP TI1-SN74LV4T86-EP_V01 Datasheet
1Mb / 23P
[Old version datasheet]   SN74LV4T86-EP Enhanced Product, Quadruple 2-Input Exclusive-OR Gates
NOVEMBER 2023
SN74LV4T86-EP TI-SN74LV4T86-EP Datasheet
959Kb / 18P
[Old version datasheet]   SN74LV4T86-EP Enhanced Product, Quadruple 2-Input Exclusive-OR Gates
NOVEMBER 2023
logo
Integrated Device Techn...
932SQ426 IDT-932SQ426_16 Datasheet
375Kb / 25P
   DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
logo
Linear Technology
LTC6951 LINER-LTC6951 Datasheet
524Kb / 6P
   Multichannel JESD204B ADC with Clocking
logo
Silicon Laboratories
AN663 SILABS-AN663 Datasheet
84Kb / 12P
   PRECISION32??MCU FAMILY CLOCKING OPTIONS
logo
Glenair, Inc.
370MS037 GLENAIR-370MS037 Datasheet
160Kb / 1P
   Direct or Rotatable Coupling Environmental Backshell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com