Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25640A Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT25640A
Description  Serial Peripheral Interface (SPI) Compatible
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25640A Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT25640A_14 Datasheet HTML 5Page - ATMEL Corporation AT25640A_14 Datasheet HTML 6Page - ATMEL Corporation AT25640A_14 Datasheet HTML 7Page - ATMEL Corporation AT25640A_14 Datasheet HTML 8Page - ATMEL Corporation AT25640A_14 Datasheet HTML 9Page - ATMEL Corporation AT25640A_14 Datasheet HTML 10Page - ATMEL Corporation AT25640A_14 Datasheet HTML 11Page - ATMEL Corporation AT25640A_14 Datasheet HTML 12Page - ATMEL Corporation AT25640A_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
AT25080A/160A/320A/640A
3401C–SEEPR–8/04
READ SEQUENCE (READ): Reading the AT25080A/160A/320A/640A via the serial output
(SO) pin requires the following sequence. After the CS line is pulled low to select a device, the
READ op-code is transmitted via the SI line followed by the byte address to be read (A15–A0;
see Table 10). Upon completion, any data on the SI line will be ignored. The data (D7–D0) at
the specified address is then shifted out onto the SO line. If only one byte is to be read, the CS
line should be driven high after the data comes out. The read sequence can be continued
since the byte address is automatically incremented and data will continue to be shifted out.
When the highest address is reached, the address counter will roll over to the lowest address,
allowing the entire memory to be read in one continuous read cycle.
WRITE SEQUENCE (WRITE): In order to program the AT25080A/160A/320A/640A, two sep-
arate instructions must be executed. First, the device
must be write-enabled via the WREN
instruction. Then a write (WRITE) instruction may be executed. Also, the address of the mem-
ory location(s) to be programmed must be outside the protected address field location
selected by the block write protection level. During an internal write cycle, all commands will
be ignored except the RDSR instruction.
A write instruction requires the following sequence. After the CS line is pulled low to select the
device, the WRITE op-code is trans‘mitted via the SI line followed by the byte address (A15–
A0) and the data (D7–D0) to be programmed (see Table 10). Programming will start after the
CS pin is brought high. The low-to-high transition of the CS pin must occur during the SCK
low-time immediately after clocking in the D0 (LSB) data bit.
The READY/BUSY status of the device can be determined by initiating a read status register
(RDSR) instruction. If Bit 0 = 1, the write cycle is still in progress. If Bit 0 = 0, the write cycle
has ended. Only the RDSR instruction is enabled during the write programming cycle.
The AT25080A/160A/320A/640A is capable of a 32-byte page write operation. After each byte
of data is received, the five low-order address bits are internally incremented by one; the high-
order bits of the address will remain constant. If more than 32 bytes of data are transmitted,
the address counter will roll over and the previously written data will be overwritten. The
AT25080A/160A/320A/640A is automatically returned to the write disable state at the comple-
tion of a write cycle.
NOTE: If the device is not write-enabled (WREN), the device will ignore the write instruction
and will return to the standby state when CS is brought high. A new CS falling edge is required
to reinitiate the serial communication.
Table 10. Address Key
Address
AT25080A
AT25160A
AT25320A
AT25640A
AN
A9A0
A10A0
A11A0
A12A0
Don’t
Care Bits
A15A10
A15A11
A15A12
A15A13


Similar Part No. - AT25640A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25640A-10PE-2.7 ATMEL-AT25640A-10PE-2.7 Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25640A-10PI-1.8 ATMEL-AT25640A-10PI-1.8 Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25640A-10PI-2.7 ATMEL-AT25640A-10PI-2.7 Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25640A-10PQ-2.7 ATMEL-AT25640A-10PQ-2.7 Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25640A-10TI-1.8 ATMEL-AT25640A-10TI-1.8 Datasheet
388Kb / 20P
   SPI Serial EEPROMs
More results

Similar Description - AT25640A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25020A ATMEL-AT25020A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT45DB041B ATMEL-AT45DB041B_14 Datasheet
610Kb / 35P
   Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT25256A ATMEL-AT25256A_14 Datasheet
291Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
AT25040B-XHL-B ATMEL-AT25040B-XHL-B Datasheet
1Mb / 27P
   Serial Peripheral Interface (SPI) Compatible
AT26DF161A ATMEL-AT26DF161A_14 Datasheet
938Kb / 41P
   Serial Peripheral Interface (SPI) Compatible
AT25080A ATMEL-AT25080A_14 Datasheet
457Kb / 19P
   Serial Peripheral Interface (SPI) Compatible
AT45DB021B ATMEL-AT45DB021B_14 Datasheet
485Kb / 32P
   Serial Peripheral Interface (SPI) Compatible
AT26DF161 ATMEL-AT26DF161_14 Datasheet
697Kb / 34P
   Serial Peripheral Interface (SPI) Compatible
AT26DF321 ATMEL-AT26DF321_14 Datasheet
659Kb / 34P
   Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
352Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com