Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25320A Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT25320A
Description  Medium-voltage and Standard-voltage Operation
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25320A Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT25320A_14 Datasheet HTML 4Page - ATMEL Corporation AT25320A_14 Datasheet HTML 5Page - ATMEL Corporation AT25320A_14 Datasheet HTML 6Page - ATMEL Corporation AT25320A_14 Datasheet HTML 7Page - ATMEL Corporation AT25320A_14 Datasheet HTML 8Page - ATMEL Corporation AT25320A_14 Datasheet HTML 9Page - ATMEL Corporation AT25320A_14 Datasheet HTML 10Page - ATMEL Corporation AT25320A_14 Datasheet HTML 11Page - ATMEL Corporation AT25320A_14 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
AT25080A/160A/320A/640A
3401C–SEEPR–8/04
WRITE STATUS REGISTER (WRSR): The WRSR instruction allows the user to select one of
four levels of protection. The AT25080A/160A/320A/640A is divided into four array segments.
One-quarter, one-half, or all of the memory segments can be protected. Any of the data within
any selected segment will therefore be read-only. The block write protection levels and corre-
sponding status register control bits are shown in Table 8.
The three bits BP0, BP1, and WPEN are nonvolatile cells that have the same properties and
functions as the regular memory cells (e.g., WREN, tWC, RDSR).
The WRSR instruction also allows the user to enable or disable the write protect (WP) pin
through the use of the Write Protect Enable (WPEN) bit. Hardware write protection is enabled
when the WP pin is low and the WPEN bit is “1”. Hardware write protection is disabled when
either the WP pin is high or the WPEN bit is “0”. When the device is hardware write-protected,
writes to the status register, including the block protect bits and the WPEN bit, and the block-
protected sections in the memory array are disabled. Writes are only allowed to sections of the
memory that are not block-protected.
NOTE: When the WPEN bit is hardware write-protected, it cannot be changed back to “0” as
long as the WP pin is held low.
Table 8. Block Write Protect Bits
Level
Status
Register Bits
Array Addresses Protected
BP1
BP0
AT25080A
AT25160A
AT25320A
AT25640A
0
0
0
None
None
None
None
1(1/4)
01
0300
−03FF
0600
−07FF
0C00
−0FFF
1800
−1FFF
2(1/2)
10
0200
−03FF
0400
−07FF
0800
−0FFF
1000
−1FFF
3(All)
11
0000
−03FF
0000
−07FF
0000
−0FFF
0000
−1FFF
Table 9. WPEN Operation
WPEN
WP
WEN
Protected
Blocks
Unprotected
Blocks
Status
Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
Low
0
Protected
Protected
Protected
1
Low
1
Protected
Writable
Protected
X
High
0
Protected
Protected
Protected
X
High
1
Protected
Writable
Writable


Similar Part No. - AT25320A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25320A-10PE-2.7 ATMEL-AT25320A-10PE-2.7 Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25320A-10PI-1.8 ATMEL-AT25320A-10PI-1.8 Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25320A-10PI-2.7 ATMEL-AT25320A-10PI-2.7 Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25320A-10PQ-2.7 ATMEL-AT25320A-10PQ-2.7 Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25320A-10TI-1.8 ATMEL-AT25320A-10TI-1.8 Datasheet
388Kb / 20P
   SPI Serial EEPROMs
More results

Similar Description - AT25320A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C66A ATMEL-AT93C66A_14 Datasheet
340Kb / 13P
   Medium-voltage and Standard-voltage Operation
AT93C46 ATMEL-AT93C46_14 Datasheet
410Kb / 14P
   Medium-voltage and Standard-voltage Operation
AT93C56A ATMEL-AT93C56A_14 Datasheet
309Kb / 14P
   Medium-voltage and Standard-voltage Operation
AT93C66A ATMEL-AT93C66A_14 Datasheet
309Kb / 14P
   Medium-voltage and Standard-voltage Operation
AT93C56A ATMEL-AT93C56A_14 Datasheet
340Kb / 13P
   Medium-voltage and Standard-voltage Operation
AT93C66A ATMEL-AT93C66A_14 Datasheet
448Kb / 14P
   Low-voltage and Standard-voltage Operation
AT25128 ATMEL-AT25128_14 Datasheet
438Kb / 22P
   Low-voltage and Standard-voltage Operation
AT25640 ATMEL-AT25640_14 Datasheet
337Kb / 21P
   Low-voltage and Standard-voltage Operation
AT24C16A ATMEL-AT24C16A_14 Datasheet
626Kb / 20P
   Low-voltage and Standard-voltage Operation
AT25080 ATMEL-AT25080_14 Datasheet
337Kb / 21P
   Low-voltage and Standard-voltage Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com