Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25256A Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT25256A
Description  Serial Peripheral Interface (SPI) Compatible
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25256A Datasheet(HTML) 1 Page - ATMEL Corporation

  AT25256A_14 Datasheet HTML 1Page - ATMEL Corporation AT25256A_14 Datasheet HTML 2Page - ATMEL Corporation AT25256A_14 Datasheet HTML 3Page - ATMEL Corporation AT25256A_14 Datasheet HTML 4Page - ATMEL Corporation AT25256A_14 Datasheet HTML 5Page - ATMEL Corporation AT25256A_14 Datasheet HTML 6Page - ATMEL Corporation AT25256A_14 Datasheet HTML 7Page - ATMEL Corporation AT25256A_14 Datasheet HTML 8Page - ATMEL Corporation AT25256A_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Features
Serial Peripheral Interface (SPI) Compatible
Supports SPI Modes 0 (0,0) and 3 (1,1)
– Data Sheet Describes Mode 0 Operation
Standard-voltage Operation
–2.7 (V
CC =2.7Vto5.5V)
Automotive Temperature Range 40°C to +125°C
5 MHz Clock Rate
64-byte Page Mode and Byte Write Operation
Block Write Protection
– Protect 1/4, 1/2, or Entire Array
Write Protect (WP) Pin and Write Disable Instructions for both Hardware and Software
Data Protection
Self-timed Write Cycle (5 ms max)
High Reliability
– Endurance: 1 Million Write Cycles
– Data Retention: >100 Years
8-lead JEDEC SOIC and 8-lead TSSOP Packages
Description
The AT25128A/256A provides 131,072/262,144 bits of serial electrically-erasable pro-
grammable read-only memory (EEPROM) organized as 16,384/32,768 words of 8 bits
each. The device is optimized for use in many industrial and automotive applications
where low-power and low-voltage operation are essential. The devices are available in
space-saving 8-lead JEDEC SOIC and 8-lead TSSOP packages.
The AT25128A/256A is enabled through the Chip Select pin (CS) and accessed via a
three-wire interface consisting of Serial Data Input (SI), Serial Data Output (SO), and
Serial Clock (SCK). All programming cycles are completely self-timed, and no sepa-
rate erase cycle is required before write.
Table 1. Pin Configurations
Pin Name
Function
CS
Chip Select
SCK
Serial Data Clock
SI
Serial Data Input
SO
Serial Data Output
GND
Ground
VCC
Power Supply
WP
Write Protect
HOLD
Suspends Serial Input
NC
No Connect
DC
Don't Connect
5088F–SEEPR–2/07
SPI
Automotive
Temperature
Serial
EEPROMs
128K (16,384 x 8)
256K (32,768 x 8)
AT25128A
AT25256A
Not Recommended
for New Design.
Replaced by
AT25128B/256B
Automotive.
1
2
3
4
8
7
6
5
8-lead SOIC
1
2
3
4
8
7
6
5
8-lead TSSOP
CS
SO
WP
GND
VCC
HOLD
SCK
SI
CS
SO
WP
GND
VCC
HOLD
SCK
SI


Similar Part No. - AT25256A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25256A ATMEL-AT25256A_14 Datasheet
477Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT25256A ATMEL-AT25256A_14 Datasheet
291Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
More results

Similar Description - AT25256A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25020A ATMEL-AT25020A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT45DB041B ATMEL-AT45DB041B_14 Datasheet
610Kb / 35P
   Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT25256A ATMEL-AT25256A_14 Datasheet
291Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
AT25040B-XHL-B ATMEL-AT25040B-XHL-B Datasheet
1Mb / 27P
   Serial Peripheral Interface (SPI) Compatible
AT26DF161A ATMEL-AT26DF161A_14 Datasheet
938Kb / 41P
   Serial Peripheral Interface (SPI) Compatible
AT25080A ATMEL-AT25080A_14 Datasheet
457Kb / 19P
   Serial Peripheral Interface (SPI) Compatible
AT45DB021B ATMEL-AT45DB021B_14 Datasheet
485Kb / 32P
   Serial Peripheral Interface (SPI) Compatible
AT26DF161 ATMEL-AT26DF161_14 Datasheet
697Kb / 34P
   Serial Peripheral Interface (SPI) Compatible
AT26DF321 ATMEL-AT26DF321_14 Datasheet
659Kb / 34P
   Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
352Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com