Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25010A Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT25010A
Description  SerialPeripheralInterface(SPI)Compatible
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25010A Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT25010A_14 Datasheet HTML 4Page - ATMEL Corporation AT25010A_14 Datasheet HTML 5Page - ATMEL Corporation AT25010A_14 Datasheet HTML 6Page - ATMEL Corporation AT25010A_14 Datasheet HTML 7Page - ATMEL Corporation AT25010A_14 Datasheet HTML 8Page - ATMEL Corporation AT25010A_14 Datasheet HTML 9Page - ATMEL Corporation AT25010A_14 Datasheet HTML 10Page - ATMEL Corporation AT25010A_14 Datasheet HTML 11Page - ATMEL Corporation AT25010A_14 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
5087E–SEEPR–7/09
AT25010A/020A/040A/080A
A write instruction requires the following sequence. After the CS line is pulled low to select the
device, the WRITE op-code (including A8) is transmitted via the SI line followed by the byte
address (A7
A0) and the data (D7–D0) to be programmed. Programming will start after the CS
pin is brought high. The low-to-high transition of the CS pin must occur during the SCK low-time
immediately after clocking in the D0 (LSB) data bit.
The READY/BUSY status of the device can be determined by initiating a read status register
(RDSR) instruction. If Bit 0 = “1”, the write cycle is still in progress. If Bit 0 = “0”, the write cycle
has ended. Only the RDSR instruction is enabled during the write programming cycle.
The AT25010A/020A/040A is capable of an 8-byte page write operation. After each byte of data
is received, the three low-order address bits are internally incremented by one; the six high-
order bits of the address will remain constant. If more than eight bytes of data are transmitted,
the address counter will roll over and the previously written data will be overwritten. The
AT25010A/020A/040A is automatically returned to the write disable state at the completion of a
write cycle.
NOTE: If the WP pin is brought low or if the device is not write enabled (WREN), the device will
ignore the Write instruction and will return to the standby state when CS is brought high. A new
CS falling edge is required to reinitiate the serial communication.
6.
Timing Diagrams
Figure 6-1.
Synchronous Data Timing (for Mode 0)
SO
V
OH
V
OL
HI-Z
HI-Z
t
V
VALID IN
SI
V
IH
V
IL
t
H
t
SU
t
DIS
SCK
V
IH
V
IL
t
WH
t
CSH
CS
V
IH
V
IL
t
CSS
t
CS
t
WL
t
HO


Similar Part No. - AT25010A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010A ATMEL-AT25010A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT25010A ATMEL-AT25010A_14 Datasheet
352Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
More results

Similar Description - AT25010A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25020A ATMEL-AT25020A_14 Datasheet
526Kb / 18P
   SerialPeripheralInterface(SPI)Compatible
AT25256A ATMEL-AT25256A_14 Datasheet
499Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
AT25128A ATMEL-AT25128A_14 Datasheet
499Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
AT25640A ATMEL-AT25640A_14 Datasheet
457Kb / 19P
   Serial Peripheral Interface (SPI) Compatible
AT25010A ATMEL-AT25010A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT25128A ATMEL-AT25128A_14 Datasheet
477Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT25020A ATMEL-AT25020A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT45DB041B ATMEL-AT45DB041B_14 Datasheet
610Kb / 35P
   Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT25256A ATMEL-AT25256A_14 Datasheet
291Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com