Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR20B02 Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # FR20B02
Description  Silicon Fast Recovery Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

FR20B02 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  FR20B02 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. FR20B02 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. FR20B02 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 50 V - 600 V
IF = 20 A
Features
• High Surge Capability
DO-5 Package
• Not ESD Sensitive
Note:
1. Standard polarity: Stud is cathode.
3. Stud is base.
Parameter
Symbol
FR20A(R)02 FR20B(R)02 FR20D(R)02 FR20G(R)02
Unit
Repetitive peak reverse
voltage
VRRM
50
100
200
400
V
RMS reverse voltage
VRMS
35
70
140
280
V
• Types from 50 V to 600 V VRRM
2. Reverse polarity (R): Stud is anode.
FR20A02 thru FR20JR02
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Conditions
Silicon Fast
Recovery Diode
FR20J(R)02
600
420
DC blocking voltage
VDC
50
100
200
400
V
Continuous forward current
IF
20
20
20
20
A
Operating temperature
Tj
-55 to 150
-55 to 150
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
-55 to 150
-55 to 150
°C
Parameter
Symbol
FR20A(R)02 FR20B(R)02 FR20D(R)02 FR20G(R)02
Unit
Diode forward voltage
1.0
1.0
1.0
1.0
25
25
25
25
μA
10
10
10
10
mA
Recovery Time
Maximum reverse recovery
time
TRR
200
200
200
200
nS
Thermal characteristics
Thermal resistance, junction
- case
RthJC
0.6
0.6
0.6
0.6
°C/W
Reverse current
IR
VF
250
IF=0.5 A, IR=1.0 A,
IRR= 0.25 A
VR = 50 V, Tj = 150 °C
V
VR = 50 V, Tj = 25 °C
IF = 20 A, Tj = 25 °C
TC ≤ 100 °C
Conditions
250
250
TC = 25 °C, tp = 8.3 ms
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Surge non-repetitive forward
current, Half Sine Wave
IF,SM
A
250
250
-55 to 150
-55 to 150
1.0
25
10
250
0.6
FR20J(R)02
600
20
www.genesicsemi.com/silicon-products/fast-recovery-rectifiers/
1


Similar Part No. - FR20B02

ManufacturerPart #DatasheetDescription
logo
America Semiconductor, ...
FR20B02 AMERICASEMI-FR20B02 Datasheet
427Kb / 2P
   High Power- Fast Recovery Rectifiers
logo
GeneSiC Semiconductor, ...
FR20B02 GENESIC-FR20B02 Datasheet
705Kb / 3P
   Silicon Fast Recovery Diode
FR20B02 GENESIC-FR20B02 Datasheet
745Kb / 3P
   Silicon Fast Recovery Diode
More results

Similar Description - FR20B02

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
FR85B05 GENESIC-FR85B05 Datasheet
737Kb / 3P
   Silicon Fast Recovery Diode
FR16K05 GENESIC-FR16K05 Datasheet
746Kb / 3P
   Silicon Fast Recovery Diode
1N3879 GENESIC-1N3879_16 Datasheet
746Kb / 3P
   Silicon Fast Recovery Diode
FR6A02 GENESIC-FR6A02_16 Datasheet
768Kb / 3P
   Silicon Fast Recovery Diode
FR6A05 GENESIC-FR6A05_16 Datasheet
823Kb / 3P
   Silicon Fast Recovery Diode
FR30K05 GENESIC-FR30K05_16 Datasheet
682Kb / 3P
   Silicon Fast Recovery Diode
FR40B02 GENESIC-FR40B02_16 Datasheet
683Kb / 3P
   Silicon Fast Recovery Diode
FR85B05 GENESIC-FR85B05_16 Datasheet
751Kb / 3P
   Silicon Fast Recovery Diode
FR40B05 GENESIC-FR40B05_18 Datasheet
775Kb / 3P
   Silicon Fast Recovery Diode
FR12K05 GENESIC-FR12K05 Datasheet
728Kb / 3P
   Silicon Fast Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com