Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1000A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # S-1000A
Description  ROTARY CODED SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S-1000A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  S-1000A Datasheet HTML 1Page - List of Unclassifed Manufacturers S-1000A Datasheet HTML 2Page - List of Unclassifed Manufacturers S-1000A Datasheet HTML 3Page - List of Unclassifed Manufacturers S-1000A Datasheet HTML 4Page - List of Unclassifed Manufacturers S-1000A Datasheet HTML 5Page - List of Unclassifed Manufacturers S-1000A Datasheet HTML 6Page - List of Unclassifed Manufacturers S-1000A Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
S-1000A/2000A
ROTARY CODED SWITCHES
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
(S-1000A series)
● S-1010A
● S-1030A
Top setting
● S-1011A
● S-1031A
Side setting
● S-1110A
● S-1130A
Top setting
● S-1111A
● S-1131A
Side setting
5
4
3
2
7
10
±0.2
0.6 W
× 2.6 L × 1.7 D
Part No. & Production date code
4.5
±0.5
7.62
C
8
4
2
1
8
7
6
9
10
±0.2
5 – 0.5
±0.1
t = 0.2
2.54
11.5
6
5.08
2.54
2.54
8
4
2
1
C
0.6 W
× 2.6 L × 1.7 D
Part No. & Production date code
7
0.5
4.5
±0.5
6.6
5
4
3
2
10
±0.2
0.7 W
× 1 D
Part No. & Production date code
7.62
C
8
4
2
1
8
7
6
9
10
±0.2
5 – 0.5
±0.1
t = 0.2
2.54
11.5
6.6
6
5.08
2.54
2.54
8
4
2
1
C
0.7 W 1 D
Part No. & Production date code
Specifications are subject to change without notice.


Similar Part No. - S-1000A

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
   ROTARY CODED SWITCHES
More results

Similar Description - S-1000A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-1231A ETC2-S-1231A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com