Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMBD2003 Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # HMBD2003
Description  General purpose diodes fabricated in planar technology
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HMBD2003 Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  HMBD2003 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HMBD2003 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6857
Issued Date : 1994.01.25
Revised Date : 2002.10.25
Page No. : 2/2
HMBD2003, HMBD2003C, HMBD2003S
HSMC Product Specification
SOT-23 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1102
0.1204
2.80
3.04
J
0.0034
0.0070
0.085
0.177
B
0.0472
0.0630
1.20
1.60
K
0.0128
0.0266
0.32
0.67
C
0.0335
0.0512
0.89
1.30
L
0.0335
0.0453
0.85
1.15
D
0.0118
0.0197
0.30
0.50
S
0.0830
0.1083
2.10
2.75
G
0.0669
0.0910
1.70
2.30
V
0.0098
0.0256
0.25
0.65
H
0.0005
0.0040
0.013
0.10
Notes: 1.Dimension and tolerance based on our Spec. dated Sep. 07,1997.
2.Controlling dimension: millimeters.
3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
• Lead: 42 Alloy; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC.
• HSMC reserves the right to make changes to its products without notice.
• HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
• Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C.
Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454
• Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C
Tel: 886-3-5983621~5 Fax: 886-3-5982931
H
J
K
D
A
L
G
V
C
B
3
2
1
S
3-Lead SOT-23 Plastic Surface Mounted Package
HSMC Package Code: N
Marking:
HMBD2003
HMBD2003C
2
1
HMBD2003S
A82
C3C
C3S
Diagram:
HMBD2003
HMBD2003C
12
3
3
2
1
HMBD2003S
12
3


Similar Part No. - HMBD2003

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HMBD2004 HSMC-HMBD2004 Datasheet
19Kb / 2P
   General purpose diodes fabricated in planar tehnology
HMBD2004C HSMC-HMBD2004C Datasheet
19Kb / 2P
   General purpose diodes fabricated in planar tehnology
HMBD2004S HSMC-HMBD2004S Datasheet
19Kb / 2P
   General purpose diodes fabricated in planar tehnology
More results

Similar Description - HMBD2003

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HMBD2004 HSMC-HMBD2004 Datasheet
19Kb / 2P
   General purpose diodes fabricated in planar tehnology
logo
New Jersey Semi-Conduct...
1N662 NJSEMI-1N662 Datasheet
102Kb / 1P
   GENERAL PURPOSE DIFFUSED SILICON PLANAR DIODES
1N659 NJSEMI-1N659 Datasheet
113Kb / 1P
   GENERAL PURPOSE DIFFUSED SILICON PLANAR DIODES
logo
Fairchild Semiconductor
BA128 FAIRCHILD-BA128 Datasheet
34Kb / 1P
   General Purpose Diodes
logo
NXP Semiconductors
BAS19 NXP-BAS19_13 Datasheet
134Kb / 10P
   General purpose diodes
2003 Mar 20
logo
New Jersey Semi-Conduct...
2SC568 NJSEMI-2SC568 Datasheet
127Kb / 1P
   General Purpose Diodes
1S923 NJSEMI-1S923 Datasheet
351Kb / 1P
   General Purpose Diodes
logo
NXP Semiconductors
BAS19_20_21 PHILIPS-BAS19_20_21_15 Datasheet
134Kb / 10P
   General purpose diodes
2003 Mar 20
logo
Littelfuse
SP1008 LITTELFUSE-SP1008 Datasheet
1Mb / 4P
   The SP1008 includes back-to-back TVS diodes fabricated in a proprietary silicon avalanche technology to provide...
logo
Microsemi Corporation
1N3595-1 MICROSEMI-1N3595-1 Datasheet
43Kb / 2P
   GENERAL PURPOSE DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com