Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FST16040 Datasheet(PDF) 3 Page - GeneSiC Semiconductor, Inc.

Part # FST16040
Description  Silicon Power Schottky Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

FST16040 Datasheet(HTML) 3 Page - GeneSiC Semiconductor, Inc.

  FST16040 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. FST16040 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. FST16040 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package dimensions and terminal configuration
Product is marked with part number and terminal configuration.
FST16020 thru FST16040
F
H
P
J
G
C
B
A
L
E
Q
M
R
N
D
K
12
3
Inches
Millimeters
Min
Max
Min
Max
A
1.995
2.005
50.67
50.93
B
0.300
0.325
7.62
8.26
C
0.495
0.505
12.57
12.83
D
0.182
0.192
4.62
4.88
E
0.990
1.010
25.15
26.65
F
2.390
2.410
60.71
61.21
G
1.495
1.525
37.90
38.70
H
0.114
0.122
2.90
3.10
J
-----
0.420
-----
10.67
K
0.256
0.275
6.5
7.0
L
0.490
0.510
12.45
12.95
M
0.330
0.350
8.38
8.90
N
0.175
0.195
4.45
4.95
P
0.035
0.045
0.89
1.14
R
0.445
0.455
11.30
11.56
Q
0.890
0.910
22.61
23.11
www.genesicsemi.com/silicon-products/schottky-rectifiers/
3


Similar Part No. - FST16040

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FST16040 MCC-FST16040 Datasheet
133Kb / 3P
   160 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
Microsemi Corporation
FST16040 MICROSEMI-FST16040 Datasheet
153Kb / 2P
   Schottky PowerMod
logo
TRANSYS Electronics Lim...
FST16040 TEL-FST16040 Datasheet
145Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 160A
logo
Microsemi Corporation
FST16040 MICROSEMI-FST16040 Datasheet
122Kb / 2P
   Schottky Powermod
logo
List of Unclassifed Man...
FST16040 ETC2-FST16040 Datasheet
415Kb / 2P
   Silicon Power Schottky Diode
More results

Similar Description - FST16040

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
FST8320SM GENESIC-FST8320SM Datasheet
679Kb / 3P
   Silicon Power Schottky Diode
FST120150 GENESIC-FST120150 Datasheet
362Kb / 3P
   Silicon Power Schottky Diode
FST160150 GENESIC-FST160150 Datasheet
363Kb / 3P
   Silicon Power Schottky Diode
MBRF400150 GENESIC-MBRF400150 Datasheet
478Kb / 3P
   Silicon Power Schottky Diode
MBRH12020 GENESIC-MBRH12020 Datasheet
406Kb / 3P
   Silicon Power Schottky Diode
MBRH240150 GENESIC-MBRH240150 Datasheet
360Kb / 3P
   Silicon Power Schottky Diode
MBRT50020 GENESIC-MBRT50020 Datasheet
463Kb / 3P
   Silicon Power Schottky Diode
SD41 GENESIC-SD41 Datasheet
718Kb / 3P
   Silicon Power Schottky Diode
logo
America Semiconductor, ...
MBRF30045 AMERICASEMI-MBRF30045 Datasheet
995Kb / 2P
   Silicon Power Schottky Diode
logo
GeneSiC Semiconductor, ...
FST6340M GENESIC-FST6340M Datasheet
553Kb / 3P
   Silicon Power Schottky Diode
FST7345M GENESIC-FST7345M Datasheet
490Kb / 3P
   Silicon Power Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com