Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE435P22 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # NTE435P22
Description  HARDWARE ACCESSORIES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NTE435P22 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  NTE435P22 Datasheet HTML 1Page - List of Unclassifed Manufacturers NTE435P22 Datasheet HTML 2Page - List of Unclassifed Manufacturers NTE435P22 Datasheet HTML 3Page - List of Unclassifed Manufacturers NTE435P22 Datasheet HTML 4Page - List of Unclassifed Manufacturers NTE435P22 Datasheet HTML 5Page - List of Unclassifed Manufacturers NTE435P22 Datasheet HTML 6Page - List of Unclassifed Manufacturers NTE435P22 Datasheet HTML 7Page - List of Unclassifed Manufacturers NTE435P22 Datasheet HTML 8Page - List of Unclassifed Manufacturers NTE435P22 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
.400 (10.16)
9.00 (22.8)
.300 (7.62)
.196 (4.97)
.100
(2.54)
.500 (12.7)
1.100 (27.9)
.100
(2.54)
.020 (.508)
.400
(10.16)
.130
(3.3)
.196 (4.97)
Diagram 366
Diagram 367
Diagram 368
Diagram 369
Diagram 370
Diagram 372
Diagram 373
Diagram 374
Diagram 375
Diagram 376
Diagram 418
Diagram 420
.500 (12.7)
.212 (5.38)
.178
(4.52)
.277
(7.0)
Dia
.173
(4.39)
.356
(9.0)
.235
(5.9)
1.250 (31.75)
1.631 (41.4)
.516 (13.1)
.354
(9.0)
Dia
.482
(12.24)
.295
(7.5)
.408
(10.3)
.437
(11.09)
.359
(9.11)
1.187
(30.1)
.750
(19.05)
.500
(12.7)
.300 (7.62)
Outer Dia
.850
(21.6)
.250
(6.35)
.410
(10.4)
.800
(20.32)
.300 (7.62)
.400 (10.16)
1.000 (25.4)
.100
(2.54)
2.125
(54.0)
.750 (19.05) Dia
1.600 (40.64)
1.350
(34.29)
1.500
(38.1)
1.250
(31.75)
1.125
(28.6)
NOTE: May come with pin leads (PC mount) or solder lugs.
Please consult factory before ordering.
DIMENSIONAL OUTLINE DRAWINGS
1−379
NTE Electronics, Inc. D Voice (973) 748−5089 D FAX (973) 748−6224 D http://www.nteinc.com


Similar Part No. - NTE435P22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NTE4 ETC-NTE4 Datasheet
194Kb / 1P
   Compact XLR 3 to 5 pole adapters for lighting (DMX) applications
logo
NTE Electronics
NTE4000 NTE-NTE4000 Datasheet
122Kb / 1P
   COMPLEMENTARY METAL OXIDE SILICON
NTE4001B NTE-NTE4001B Datasheet
122Kb / 1P
   COMPLEMENTARY METAL OXIDE SILICON
NTE4002B NTE-NTE4002B Datasheet
122Kb / 1P
   COMPLEMENTARY METAL OXIDE SILICON
NTE4006B NTE-NTE4006B Datasheet
122Kb / 1P
   COMPLEMENTARY METAL OXIDE SILICON
More results

Similar Description - NTE435P22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT4002 ETC-AT4002 Datasheet
3Mb / 34P
   Accessories Hardware
AT4150A ETC-AT4150A Datasheet
3Mb / 33P
   Accessories & Hardware
AT712 ETC2-AT712 Datasheet
3Mb / 33P
   Accessories Hardware
A632-3 ETC2-A632-3 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE ACCESSORIES
logo
Tyco Electronics
2-1437402-4 MACOM-2-1437402-4 Datasheet
48Kb / 1P
   Accessories ??Hardware & Brackets
logo
List of Unclassifed Man...
A631-2 ETC2-A631-2 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE ACCESSORIES
logo
Tyco Electronics
2-1437402-7 MACOM-2-1437402-7 Datasheet
48Kb / 1P
   Accessories ??Hardware & Brackets
logo
List of Unclassifed Man...
A465 ETC2-A465 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
A180-6 ETC2-A180-6 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE ACCESSORIES
logo
CONEC Elektronische Bau...
160X10259X CONEC-160X10259X Datasheet
76Kb / 1P
   D-SUB Hardware accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com