Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5C3257L Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5C3257L
Description  Quad 2 1 Mux/DeMux BusSwitch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3257L Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5C3257L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3257L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3257L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3257L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3257L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5C3257L Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PI5C3257
Quad 2:1 Mux/DeMux BusSwitch
3
PS7018G
11/04/06
Switching Characteristics over Operating Range
Parameters
Description
Conditions
Com.
Units
Min.
Max.
tIY
Propagation Delay(1,2)
In to Yn
CL = 50pF
RL = 500Ω
0.25
ns
tSY
Bus Select Time
Sn to Yn
0.5
5.2
tPZH
tPZL
Bus Enable Time
E to Yn
0.5
4.8
tPHZ
tPLZ
Bus Disable Time
E to Yn
0.5
5.0
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
ICC
Quiescent Power
Supply Current
VCC = Max.
VIN = GND
or VCC
0.1
3.0
µA
∆ICC
Supply Current per
Input @ TTL HIGH
VCC = Max.
VIN = 3.4V(3)
2.5
mA
ICCD
Supply Current per
Input per MHz(4)
VCC = Max.,
I and Y Pins Open
BE = GND
Control Input Toggling
50% Duty Cycle
0.25
mA/
MHz
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V, control inputs only); I and Y pins do not contribute to ICC.
4. This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified frequency. The I
and Y inputs generate no significant AC or DC currents as they transition. This parameter is not tested, but is guaranteed by design.
Notes:
1. This parameter is guaranteed but not tested on Propagation Delays.
2. The bus switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The
time constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much smaller than the rise/fall times of
typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used in a system is
determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
06-0240


Similar Part No. - PI5C3257L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3257LEX PERICOM-PI5C3257LEX Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
More results

Similar Description - PI5C3257L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3257 PERICOM-PI5C3257 Datasheet
38Kb / 3P
   Quad 2:1 MUX/DEMUX BusSwitch
PI5C3251 PERICOM-PI5C3251 Datasheet
373Kb / 6P
   8:1 Mux/DeMux BusSwitch
PI5C3251 PERICOM-PI5C3251_11 Datasheet
481Kb / 4P
   8:1 Mux/DeMux BusSwitch
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
   Quad 2:1 Mux/DeMux
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
   Quad 2:1 Mux/DeMux
logo
Vaishali Semiconductor
VS3257 VAISH-VS3257 Datasheet
56Kb / 6P
   Quad 2:1 Mux/Demux VSwitch
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257 Datasheet
92Kb / 3P
   24:12 MUX/DEMUX BusSwitch
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com