Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89S2051 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT89S2051
Description  2K/4K Bytes of In-System Programmable (ISP) Flash Program Memory
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S2051 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT89S2051_14 Datasheet HTML 5Page - ATMEL Corporation AT89S2051_14 Datasheet HTML 6Page - ATMEL Corporation AT89S2051_14 Datasheet HTML 7Page - ATMEL Corporation AT89S2051_14 Datasheet HTML 8Page - ATMEL Corporation AT89S2051_14 Datasheet HTML 9Page - ATMEL Corporation AT89S2051_14 Datasheet HTML 10Page - ATMEL Corporation AT89S2051_14 Datasheet HTML 11Page - ATMEL Corporation AT89S2051_14 Datasheet HTML 12Page - ATMEL Corporation AT89S2051_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
9
3390E–MICRO–6/08
AT89S2051/S4051
10.2
Brown-out Reset
The AT89S2051/S4051 has an on-chip Brown-out Detection (BOD) circuit for monitoring the V
CC
level during operation by comparing it to a fixed trigger level. The trigger level for the BOD is
nominally 2.0V. The purpose of the BOD is to ensure that if V
CC fails or dips while executing at
speed, the system will gracefully enter reset without the possibility of errors induced by incorrect
execution. When V
CC decreases to a value below the trigger level, the Brown-out Reset is imme-
diately activated. When V
CC increases above the trigger level, the BOD delay counter starts the
microcontroller after the timeout period has expired in approximately 2 ms.
10.3
External Reset
The RST pin functions as an active-high reset input. The pin must be held high for at least two
machine cycles to trigger the internal reset. RST also serves as the In-System Programming
(ISP) enable input. ISP mode is enabled when the external reset pin is held high and the ISP
Enable fuse is set.
11. Clock Register
.
Table 11-1.
CLKREG
– Clock Register
CLKREG = 8FH
Reset Value = XXXX XX0XB
Not Bit Addressable
––
–––
PWDEX
X2
Bit
7
6
543
21
0
Symbol
Function
PWDEX
Power-down Exit Mode. When PWDEX = 1, wake up from Power-down is externally controlled. When PWDEX = 0, wake
up from Power-down is internally timed.
X2
When X2 = 0, the frequency (at XTAL1 pin) is internally divided by 2 before it is used as the device system frequency.
When X2 = 1, the divide by 2 is no longer used and the XTAL1 frequency becomes the device system frequency. This
enables the user to use a 6 MHz crystal instead of a 12 MHz crystal in order to reduce EMI. The X2 bit is initialized on
power-up with the value of the X2 user fuse and may be changed at runtime by software.


Similar Part No. - AT89S2051_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S2051-24PC ATMEL-AT89S2051-24PC Datasheet
981Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051-24PC ATMEL-AT89S2051-24PC Datasheet
1,008Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051-24PI ATMEL-AT89S2051-24PI Datasheet
981Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051-24PI ATMEL-AT89S2051-24PI Datasheet
1,008Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051-24PU ATMEL-AT89S2051-24PU Datasheet
981Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
More results

Similar Description - AT89S2051_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S4051 ATMEL-AT89S4051_14 Datasheet
1Mb / 46P
   2K/4K Bytes of In-System Programmable (ISP) Flash Program Memory
AT89S51 ATMEL-AT89S51_14 Datasheet
497Kb / 31P
   4K Bytes of In-System Programmable (ISP) Flash Memory
AT89LS51 ATMEL-AT89LS51_14 Datasheet
497Kb / 31P
   4K Bytes of In-System Programmable (ISP) Flash Memory
AT89S8253 ATMEL-AT89S8253_14 Datasheet
1Mb / 2P
   12K Bytes of In-System Programmable (ISP) Flash Program Memory
AT89LP2052 ATMEL-AT89LP2052_14 Datasheet
1Mb / 94P
   2/4K Bytes of In-System Programmable (ISP) Flash Memory
AT89S52 ATMEL-AT89S52_14 Datasheet
577Kb / 38P
   8K Bytes of In-System Programmable (ISP) Flash Memory
AT89LS52 ATMEL-AT89LS52_14 Datasheet
603Kb / 39P
   8K Bytes of In-System Programmable (ISP) Flash Memory
ATTINY84A ATMEL-ATTINY84A_14 Datasheet
4Mb / 85P
   2K/4K/8K Bytes In-System Programmable Flash
AT89C51 ATMEL-AT89C51_14 Datasheet
148Kb / 17P
   4K Bytes of In-System Reprogrammable Flash Memory
ATTINY24A ATMEL-ATTINY24A Datasheet
545Kb / 20P
   8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com