Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB321C Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT45DB321C
Description  Automated Erase Operations
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C Datasheet(HTML) 1 Page - ATMEL Corporation

  AT45DB321C_14 Datasheet HTML 1Page - ATMEL Corporation AT45DB321C_14 Datasheet HTML 2Page - ATMEL Corporation AT45DB321C_14 Datasheet HTML 3Page - ATMEL Corporation AT45DB321C_14 Datasheet HTML 4Page - ATMEL Corporation AT45DB321C_14 Datasheet HTML 5Page - ATMEL Corporation AT45DB321C_14 Datasheet HTML 6Page - ATMEL Corporation AT45DB321C_14 Datasheet HTML 7Page - ATMEL Corporation AT45DB321C_14 Datasheet HTML 8Page - ATMEL Corporation AT45DB321C_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Features
Single 2.7 - 3.6V Supply
RapidSSerial Interface: 40 MHz Maximum Clock Frequency
(SPI Modes 0 and 3 Compatible for Frequencies Up to 33 MHz)
Page Program
– 8192 Pages (528 Bytes/Page)
Automated Erase Operations
– Page Erase 528 Bytes
– Block Erase 4,224 Bytes
Two 528-byte SRAM Data Buffers – Allows Receiving of Data
while Reprogramming the Flash Array
Continuous Read Capability through Entire Array
– Ideal for Code Shadowing Applications
Low-power Dissipation
– 10 mA Active Read Current Typical
– 6 µA Standby Current Typical
Hardware and Software Data Protection Features
– Individual Sector Locking
Security: 128-byte Security Register
– 64-byte User Programmable Space
– Unique 64-byte Device Identifier
JEDEC Standard Manufacturer and Device ID Read
100,000 Program/Erase Cycles per Page Minimum
Data Retention – 20 years
Commercial and Industrial Temperature Ranges
Green (Pb/Halide-free/RoHS Compliant) Packaging Options
1.
Description
The AT45DB321C is an SPI compatible, serial-interface Flash memory ideally suited
for a wide variety of digital voic e-, image-, program code- and data-
storage applications. The AT45DB321C supports a 4-wire serial interface known as
RapidS for applications requiring very high speed operations.
Its 34,603,008 bits of memory are organized as 8192 pages of 528 bytes each. In
addition to the 33-megabit main memory, the AT45DB321C also contains two SRAM
buffers of 528 bytes each.
The buffers allow the receiving of data while a page in the main page Memory is being
reprogrammed, as well as writing a continuous data stream. EEPROM emulation (bit
or byte alterability) is easily handled with a self-contained three step read-modify-write
operation. Unlike conventional Flash memories that are accessed randomly with mul-
tiple address lines and a parallel interface, the DataFlash uses a RapidS serial
interface to sequentially access its data. The simple sequential access dramatically
reduces active pin count, facilitates hardware layout, increases system reliability, min-
imizes switching noise, and reduces package size. The device is optimized for use in
many commercial and industrial applications where high-density, low-pin count, low-
voltage and low-power are essential. The device operates at clock frequencies up to
40 MHz with a typical active read current consumption of 10 mA.
32-megabit
2.7 volt
DataFlash®
AT45DB321C
For New
Designs Use
AT45DB321D
3387M–DFLASH–2/08


Similar Part No. - AT45DB321C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321C-CC ATMEL-AT45DB321C-CC Datasheet
610Kb / 37P
   32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB321C-CC ATMEL-AT45DB321C-CC Datasheet
632Kb / 40P
   32-megabit 2.7 volt DataFlash
AT45DB321C-CI ATMEL-AT45DB321C-CI Datasheet
610Kb / 37P
   32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB321C-CI ATMEL-AT45DB321C-CI Datasheet
632Kb / 40P
   32-megabit 2.7 volt DataFlash
AT45DB321C-CNC ATMEL-AT45DB321C-CNC Datasheet
610Kb / 37P
   32 MEGABIT 2.7 VOLT DATAFLASH
More results

Similar Description - AT45DB321C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45D081A ATMEL-AT45D081A_14 Datasheet
435Kb / 28P
   Optional Page and Block Erase Operations
AT45DB021A ATMEL-AT45DB021A_14 Datasheet
421Kb / 28P
   Optional Page and Block Erase Operations
AT45D041A ATMEL-AT45D041A_14 Datasheet
424Kb / 28P
   Optional Page and Block Erase Operations
AT45DB081B ATMEL-AT45DB081B_14 Datasheet
543Kb / 33P
   Supports Page and Block Erase Operations
AT45DB161B ATMEL-AT45DB161B_14 Datasheet
361Kb / 33P
   Supports Page and Block Erase Operations
AT45D021A ATMEL-AT45D021A_14 Datasheet
422Kb / 28P
   Optional Page and Block Erase Operations
AT45DB081A ATMEL-AT45DB081A_14 Datasheet
440Kb / 28P
   Optional Page and Block Erase Operations
AT45DB011B ATMEL-AT45DB011B_14 Datasheet
409Kb / 32P
   Supports Page and Block Erase Operations
AT45DB161 ATMEL-AT45DB161_14 Datasheet
341Kb / 21P
   Optional Page and Block Erase Operations
logo
Winbond
W19B320BT WINBOND-W19B320BT Datasheet
661Kb / 56P
   2.7~3.6-volt write (program and erase) operations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com