Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FN351-280-37 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FN351-280-37
Description  General Purpose EMC Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN351-280-37 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FN351-280-37 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN351-280-37 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN351-280-37 Datasheet HTML 3Page - List of Unclassifed Manufacturers FN351-280-37 Datasheet HTML 4Page - List of Unclassifed Manufacturers FN351-280-37 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EMC/EMIProducts
SchaffnerGroup Datasheets 2014
Dimensions
8 A
8 A
16 A
25 A
36 A
50 A
50 A
64 A
64 A
80 A
110 A
180 A
280 A
(-H)
(-33)
(-34)
(-33)
(-34)
A
180
200
200
200
200
200
200
200
200
400
400
510
700
B
115
150
150
150
150
150
150
150
150
170
170
180
260
C
60
65
65
65
65
65
65
65
80
90
90
133
155
D
85
120
120
120
120
120
120
120
120
350
350
360
530
E
115
115
115
115
115
115
115
115
115
373
373
470
660
F
100
136
136
136
136
136
136
136
136
130
130
156
220
G
6.5
6.5
6.5
6.5
6.5
6.5
6.5
6.5
6.5
15 x 6.5
15 x 6.5
16 x 9
16 x 9
H
1
1
1
1
1
1
1
1
1
1
1
4
4
I
17
17
17
25
25
25
39
25
39
39
45
83
110
J
M6
M6
M6
M6
M6
M6
M6
M6
M6
M10
M10
M10
M10
K
13
19.25
19.25
19.25
19.25
19.25
18.75
19.25
18.75
40
40
25
30
L
17
17
17
18.4
18.4
18.4
17
18.4
17
70
70
85
100
All dimensions in mm; 1 inch = 25.4 mm
Tolerances according: ISO 2768-m / EN 22768-m
Filter input/outputconnector cross sections
-29
-33
-34
-35
-36
-37
Solidwire
6 mm2
16 mm2
35 mm2
50 mm2
95 mm2
150 mm2
Flexwire
4 mm2
10 mm2
25 mm2
50 mm2
95 mm2
150 mm2
AWGtypewire
AWG 10
AWG 6
AWG 2
AWG 1/0
AWG 4/0
AWG 6/0
Recommendedtorque
0.6-0.8 Nm
1.5-1.8 Nm
4.0-4.5 Nm
7-8 Nm
17-20 Nm
27-30 Nm
Please visit www.schaffner.com to find more details on filter connectors.
4


Similar Part No. - FN351-280-37

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN351-280-37 SCHAFFNER-FN351-280-37 Datasheet
569Kb / 5P
   General Purpose EMC Filter
More results

Similar Description - FN351-280-37

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN-351 SCHAFFNER-FN-351 Datasheet
569Kb / 5P
   General Purpose EMC Filter
FN-356 SCHAFFNER-FN-356 Datasheet
569Kb / 4P
   General Purpose EMC/EMI Line Filter
logo
List of Unclassifed Man...
FN356-50-33 ETC2-FN356-50-33 Datasheet
250Kb / 4P
   General Purpose EMC/EMI Line Filter
FN256-16-46 ETC2-FN256-16-46 Datasheet
877Kb / 4P
   Compact general purpose three-phase and neutral line EMC filter
logo
MORNSUN Science& Techno...
FC-CXXD MORNSUN-FC-CXXD Datasheet
648Kb / 5P
   EMC Filter
FC-E03D MORNSUN-FC-E03D Datasheet
1Mb / 6P
   EMC Filter
FC-L01D2 MORNSUN-FC-L01D2 Datasheet
350Kb / 5P
   EMC Filter
FL4D-X1-302 MORNSUN-FL4D-X1-302 Datasheet
161Kb / 2P
   EMC Filter
FC-LX1D MORNSUN-FC-LX1D Datasheet
547Kb / 7P
   EMC Filter
FS-A01D MORNSUN-FS-A01D Datasheet
249Kb / 3P
   EMC Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com