Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7640-GA Datasheet(PDF) 9 Page - GeneSiC Semiconductor, Inc.

Part # 2N7640-GA
Description  Normally ??OFF Silicon Carbide Junction Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

2N7640-GA Datasheet(HTML) 9 Page - GeneSiC Semiconductor, Inc.

Back Button 2N7640-GA Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. 2N7640-GA Datasheet HTML 3Page - GeneSiC Semiconductor, Inc. 2N7640-GA Datasheet HTML 4Page - GeneSiC Semiconductor, Inc. 2N7640-GA Datasheet HTML 5Page - GeneSiC Semiconductor, Inc. 2N7640-GA Datasheet HTML 6Page - GeneSiC Semiconductor, Inc. 2N7640-GA Datasheet HTML 7Page - GeneSiC Semiconductor, Inc. 2N7640-GA Datasheet HTML 8Page - GeneSiC Semiconductor, Inc. 2N7640-GA Datasheet HTML 9Page - GeneSiC Semiconductor, Inc. 2N7640-GA Datasheet HTML 10Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2N7640-GA
Dec 2014
http://www.genesicsemi.com/high-temperature-sic/high-temperature-sic-junction-transistors/
Pg 9 of 9
Section VI: Package Dimensions:
SMD-0.5/TO-276
PACKAGE OUTLINE
NOTE
1. CONTROLLED DIMENSION IS MILLIMETER. DIMENSION IN BRACKET IS INCH.
2. DIMENSIONS DO NOT INCLUDE END FLASH, MOLD FLASH, MATERIAL PROTRUSIONS
Revision History
Date
Revision
Comments
Supersedes
2014/12/12
6
Updated Electrical Characteristics
2014/08/25
5
Updated Electrical Characteristics
2014/03/19
4
Updated Gate Drive Section
2014/02/14
3
Updated Electrical Characteristics
2013/12/19
2
Updated Gate Drive Section
2013/11/18
1
Updated Electrical Characteristics
2012/08/24
0
Initial release
Published by
GeneSiC Semiconductor, Inc.
43670 Trade Center Place Suite 155
Dulles, VA 20166
GeneSiC Semiconductor, Inc. reserves right to make changes to the product specifications and data in this document without notice.
GeneSiC disclaims all and any warranty and liability arising out of use or application of any product. No license, express or implied to any
intellectual property rights is granted by this document.
Unless otherwise expressly indicated, GeneSiC products are not designed, tested or authorized for use in life-saving, medical, aircraft
navigation, communication, air traffic control and weapons systems, nor in applications where their failure may result in death, personal
injury and/or property damage.


Similar Part No. - 2N7640-GA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
2N7609U8 IRF-2N7609U8 Datasheet
178Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
logo
Central Semiconductor C...
2N760A CENTRAL-2N760A Datasheet
33Kb / 1P
   Small Signal Transistors
logo
International Rectifier
2N7610T2 IRF-2N7610T2 Datasheet
634Kb / 14P
   Radiation Hardened Logic Level Power MOSFET Thru-Hole TO-205AF 250V, 3.3A, N-channel, R7 Technology
2023-01-06
2N7614M1 IRF-2N7614M1 Datasheet
207Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE
2N7617UC IRF-2N7617UC Datasheet
207Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
More results

Similar Description - 2N7640-GA

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GA04JT17-247 GENESIC-GA04JT17-247 Datasheet
999Kb / 12P
   Normally ??OFF Silicon Carbide Junction Transistor
GA05JT06-CAL GENESIC-GA05JT06-CAL Datasheet
440Kb / 7P
   Normally ??OFF Silicon Carbide Junction Transistor
GA05JT12-263 GENESIC-GA05JT12-263 Datasheet
734Kb / 9P
   Normally ??OFF Silicon Carbide Junction Transistor
GA10JT12-263 GENESIC-GA10JT12-263 Datasheet
913Kb / 12P
   Normally ??OFF Silicon Carbide Junction Transistor
GA10JT12-CAL GENESIC-GA10JT12-CAL Datasheet
488Kb / 8P
   Normally ??OFF Silicon Carbide Junction Transistor
GA50JT06-258 GENESIC-GA50JT06-258 Datasheet
1Mb / 12P
   Normally ??OFF Silicon Carbide Junction Transistor
GA05JT03-46 GENESIC-GA05JT03-46 Datasheet
1Mb / 11P
   Normally ??OFF Silicon Carbide Junction Transistor
GA20JT12-247 GENESIC-GA20JT12-247 Datasheet
1Mb / 12P
   Normally ??OFF Silicon Carbide Junction Transistor
2N7637-GA GENESIC-2N7637-GA Datasheet
1Mb / 9P
   Normally ??OFF Silicon Carbide Junction Transistor
GA05JT12-CAL GENESIC-GA05JT12-CAL Datasheet
478Kb / 8P
   Normally ??OFF Silicon Carbide Junction Transistor
GAP05SLT80-220 GENESIC-GAP05SLT80-220 Datasheet
201Kb / 3P
   Normally ??OFF Silicon Carbide Junction Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com