Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7639-GA Datasheet(PDF) 3 Page - GeneSiC Semiconductor, Inc.

Part # 2N7639-GA
Description  Normally ??OFF Silicon Carbide Junction Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

2N7639-GA Datasheet(HTML) 3 Page - GeneSiC Semiconductor, Inc.

  2N7639-GA Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. 2N7639-GA Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. 2N7639-GA Datasheet HTML 3Page - GeneSiC Semiconductor, Inc. 2N7639-GA Datasheet HTML 4Page - GeneSiC Semiconductor, Inc. 2N7639-GA Datasheet HTML 5Page - GeneSiC Semiconductor, Inc. 2N7639-GA Datasheet HTML 6Page - GeneSiC Semiconductor, Inc. 2N7639-GA Datasheet HTML 7Page - GeneSiC Semiconductor, Inc. 2N7639-GA Datasheet HTML 8Page - GeneSiC Semiconductor, Inc. 2N7639-GA Datasheet HTML 9Page - GeneSiC Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2N7639-GA
Dec 2014
http://www.genesicsemi.com/high-temperature-sic/high-temperature-sic-junction-transistors/
Pg 3 of 9
Section IV: Figures
A: Static Characteristics
Figure 1: Typical Output Characteristics at 25 °C
Figure 2: Typical Output Characteristics at 125 °C
Figure 3: Typical Output Characteristics at 250 °C
Figure 4: Drain-Source Voltage vs. Gate Current
Figure 5: Normalized On-Resistance and Current Gain vs.
Temperature
Figure 6: Typical Gate
– Source Saturation Voltage


Similar Part No. - 2N7639-GA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
2N7632UC IRF-2N7632UC Datasheet
304Kb / 16P
   RADIATION HARDENED60V, Combination 1N-1P-CHANNELLOGIC LEVEL POWER MOSFET
logo
GeneSiC Semiconductor, ...
2N7635-GA GENESIC-2N7635-GA Datasheet
1Mb / 10P
   Normally ??OFF Silicon Carbide Junction Transistor
2N7636-GA GENESIC-2N7636-GA Datasheet
1Mb / 10P
   Normally ??OFF Silicon Carbide Junction Transistor
2N7637-GA GENESIC-2N7637-GA Datasheet
1Mb / 9P
   Normally ??OFF Silicon Carbide Junction Transistor
2N7638-GA GENESIC-2N7638-GA Datasheet
1Mb / 9P
   Normally ??OFF Silicon Carbide Junction Transistor
More results

Similar Description - 2N7639-GA

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GA04JT17-247 GENESIC-GA04JT17-247 Datasheet
999Kb / 12P
   Normally ??OFF Silicon Carbide Junction Transistor
GA05JT06-CAL GENESIC-GA05JT06-CAL Datasheet
440Kb / 7P
   Normally ??OFF Silicon Carbide Junction Transistor
GA05JT12-263 GENESIC-GA05JT12-263 Datasheet
734Kb / 9P
   Normally ??OFF Silicon Carbide Junction Transistor
GA10JT12-263 GENESIC-GA10JT12-263 Datasheet
913Kb / 12P
   Normally ??OFF Silicon Carbide Junction Transistor
GA10JT12-CAL GENESIC-GA10JT12-CAL Datasheet
488Kb / 8P
   Normally ??OFF Silicon Carbide Junction Transistor
GA50JT06-258 GENESIC-GA50JT06-258 Datasheet
1Mb / 12P
   Normally ??OFF Silicon Carbide Junction Transistor
GA05JT03-46 GENESIC-GA05JT03-46 Datasheet
1Mb / 11P
   Normally ??OFF Silicon Carbide Junction Transistor
GA20JT12-247 GENESIC-GA20JT12-247 Datasheet
1Mb / 12P
   Normally ??OFF Silicon Carbide Junction Transistor
2N7637-GA GENESIC-2N7637-GA Datasheet
1Mb / 9P
   Normally ??OFF Silicon Carbide Junction Transistor
GA05JT12-CAL GENESIC-GA05JT12-CAL Datasheet
478Kb / 8P
   Normally ??OFF Silicon Carbide Junction Transistor
GAP05SLT80-220 GENESIC-GAP05SLT80-220 Datasheet
201Kb / 3P
   Normally ??OFF Silicon Carbide Junction Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com