Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25667C4417A375 Datasheet(PDF) 4 Page - TDK Electronics

Part # B25667C4417A375
Description  Film Capacitors ??Power Electronic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B25667C4417A375 Datasheet(HTML) 4 Page - TDK Electronics

  B25667C4417A375 Datasheet HTML 1Page - TDK Electronics B25667C4417A375 Datasheet HTML 2Page - TDK Electronics B25667C4417A375 Datasheet HTML 3Page - TDK Electronics B25667C4417A375 Datasheet HTML 4Page - TDK Electronics B25667C4417A375 Datasheet HTML 5Page - TDK Electronics B25667C4417A375 Datasheet HTML 6Page - TDK Electronics B25667C4417A375 Datasheet HTML 7Page - TDK Electronics B25667C4417A375 Datasheet HTML 8Page - TDK Electronics B25667C4417A375 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Film Capacitors – Power Factor Correction
B25667C4417A375
PhaseCap Premium capacitors
MKK440-D-25-01
FILM PFC PM
January 2011
Please read Cautions and warnings and
Page 4 of 10
Important notes at the end of this document
.
M ax. allowable power loss at specific ambient Temp.
B25667C4417A375
0
5
10
15
20
25
30
35
15
35
55
75
95
amb
M ax. allowable current (rms) at specific ambient Temp.
B25667C4417A 375
0
10
20
30
40
50
15
35
55
75
95
amb
M ax. allowable ambient Temp. at specific power loss
B 25667C4417A375
15
25
35
45
55
65
75
85
95
0
5
10
15
20
25
30
35
P max
M ax. allowable ambient Temp. at specific current (rms)
B 25667C4417A 375
15
25
35
45
55
65
75
85
95
0
1020
3040
50
I max
Climatic category –40/D
 min.
–40 ºC
 max.
+55 ºC
Storage temperature
–40 ºC … +85 ºC
hotspot max.
+85 ºC
P max.
at
ambient
15.0 W
+55 ºC
10.0 W
+65 ºC
5.0 W
+75 ºC
Maximum power loss at
ambient
0 W
+85 ºC
Humidity
av. rel. < 95%
Degree of protection
IP 20
Maximum altitude
4 000 m


Similar Part No. - B25667C4417A375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667C4417A375 EPCOS-B25667C4417A375 Datasheet
133Kb / 10P
   PhaseCap Premium capacitors
More results

Similar Description - B25667C4417A375

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
   Film Capacitors - Power Electronic Capacitors
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25631S0227K600 TDK-B25631S0227K600 Datasheet
248Kb / 9P
   Film Capacitors - Power Electronic Capacitors
logo
EPCOS
B2562 EPCOS-B2562 Datasheet
341Kb / 10P
   Film capacitors- Power electronic capacitors
B25655J4507K005 EPCOS-B25655J4507K005 Datasheet
422Kb / 6P
   Film capacitors - Power electronic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com