Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9611 Datasheet(PDF) 5 Page - NEC

Part # PS9611
Description  HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9611 Datasheet(HTML) 5 Page - NEC

  PS9611 Datasheet HTML 1Page - NEC PS9611 Datasheet HTML 2Page - NEC PS9611 Datasheet HTML 3Page - NEC PS9611 Datasheet HTML 4Page - NEC PS9611 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Data Sheet P13102EJ3V0DS00
5
PS9611,PS9611L
ELECTRICAL CHARACTERISTICS (TA =
−−−−40 to +85 °°°°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25
°C
1.4
1.65
1.9
V
Reverse Current
IR
VR = 3 V, TA = 25
°C10
µA
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz, TA = 25
°C30
pF
Detector
High Level Output Current
IOH
VCC = VO = 5.5 V, IF = 250
µA
1
200
µA
High Level Output Voltage
VOH
VCC = 4.5 V, IF = 250
µA, IOH = −2 mA
2.4
3.0
V
Low Level Output Voltage
VOL
VCC = 4.5 V, IF = 7 mA, IO = 8 mA
0.38
0.6
V
High Level Supply Current
ICCH
VCC = 5.5 V, IF = 0 mA
11
17
mA
Low Level Supply Current
ICCL
VCC = 5.5 V, IF = 10 mA
12
18
mA
High Level Output Short
Circuit Current
IOSH
VCC = 5.5 V, VO = GND, IF = 0 mA,
10 ms or less
−26
mA
Low Level Output Short
Circuit Current
IOSL
VCC = VO = 5.5 V, IF = 8 mA,
10 ms or less
34
mA
Coupled
Threshold Input Current
IFHL
VCC = 5 V
TA = 25
°C2.7
5
mA
(H
→ L)
6
Threshold Input Current
IFLH
VCC = 5 V
TA = 25
°C0.5
mA
(L
→ H)
0.35
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60 %,
TA = 25
°C
10
11
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz, TA = 25
°C0.9
pF
Propagation Delay Time
tPHL
TA = 25
°C
153065
ns
(H
→ L)*2
VCC = 5 V, IF = 7.5 mA
10
85
Propagation Delay Time
tPLH
TA = 25
°C
153065
ns
(L
→ H)*2
VCC = 5 V, IF = 7.5 mA
10
85
Pulse Width Distortion
(PWD)
*2
tPHL-tPLH VCC = 5 V, IF = 7.5 mA
3
35
ns
Common Mode
Transient Immunity at High
Level Output
*3
CMH
VCC = 5 V, TA = 25
°C, IF = 0 mA,
VO (MIN.) = 2 V, VCM = 100 V
110
kV/
µs
Common Mode
Transient Immunity at Low
Level Output
*3
CML
VCC = 5 V, TA = 25
°C, IF = 7.5 mA,
VO (MAX.) = 0.8 V, VCM = 100 V
110
kV/
µs


Similar Part No. - PS9611

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9611 CEL-PS9611 Datasheet
414Kb / 12P
   HIGH NOISE REDUCTION, HIGH-SPEED 10 Mbps TOTEM POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
PS9611-A CEL-PS9611-A Datasheet
414Kb / 12P
   HIGH NOISE REDUCTION, HIGH-SPEED 10 Mbps TOTEM POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
PS9611-V CEL-PS9611-V Datasheet
414Kb / 12P
   HIGH NOISE REDUCTION, HIGH-SPEED 10 Mbps TOTEM POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
PS9611-V-A CEL-PS9611-V-A Datasheet
414Kb / 12P
   HIGH NOISE REDUCTION, HIGH-SPEED 10 Mbps TOTEM POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
PS9611L CEL-PS9611L Datasheet
414Kb / 12P
   HIGH NOISE REDUCTION, HIGH-SPEED 10 Mbps TOTEM POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
More results

Similar Description - PS9611

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9611 CEL-PS9611 Datasheet
414Kb / 12P
   HIGH NOISE REDUCTION, HIGH-SPEED 10 Mbps TOTEM POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9711 NEC-PS9711 Datasheet
93Kb / 5P
   HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5-PIN SOP TOM PHOTOCOUPLER
logo
California Eastern Labs
PS9711 CEL-PS9711 Datasheet
130Kb / 7P
   HIGH NOISE REDUCTION/ HIGH SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5 PIN SOP TOM OPTOCOUPLER
logo
Renesas Technology Corp
PS9614 RENESAS-PS9614 Datasheet
274Kb / 16P
   HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
April 1st, 2010
PS9617 RENESAS-PS9617 Datasheet
264Kb / 15P
   HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
April 1st, 2010
logo
List of Unclassifed Man...
PS9617 ETC1-PS9617 Datasheet
393Kb / 12P
   HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9617 CEL-PS9617 Datasheet
399Kb / 12P
   HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9715 NEC-PS9715 Datasheet
62Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9115 NEC-PS9115 Datasheet
251Kb / 12P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com