Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25655P4507K000 Datasheet(PDF) 3 Page - TDK Electronics

Part # B25655P4507K000
Description  PCC Power Capacitor Chip for 650-VR Semiconductor Modules in e-Mobility Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B25655P4507K000 Datasheet(HTML) 3 Page - TDK Electronics

  B25655P4507K000 Datasheet HTML 1Page - TDK Electronics B25655P4507K000 Datasheet HTML 2Page - TDK Electronics B25655P4507K000 Datasheet HTML 3Page - TDK Electronics B25655P4507K000 Datasheet HTML 4Page - TDK Electronics B25655P4507K000 Datasheet HTML 5Page - TDK Electronics B25655P4507K000 Datasheet HTML 6Page - TDK Electronics B25655P4507K000 Datasheet HTML 7Page - TDK Electronics B25655P4507K000 Datasheet HTML 8Page - TDK Electronics B25655P4507K000 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PCC for Infineon / HybridPack – 2
nd Generation
PRELIMINARY
© EPCOS AG - Edition August 2014
HP1 platform – FS200R07 / FS400R07
Ordering code
CR
μF
Imax
1)
A
Lself
nH
RS
m
Î
kA
IS
kA
tan
120 Hz
Dimensions
L x W x H
mm
Graph
Fig.
B25655J4307K001
300
80
30
1.0
1.2
4.8
8 · 10-4
140 x 72 x 50
A
1
B25655P4467K000
2)
460
80
25
0.6
1.4
5.5
5 · 10-4
140 x 72 x 50
C
1
B25655P4567K000
560
80
25
0.5
1.6
6.0
5 · 10-4
140 x 72 x 50
B
1
HP2 platform – FS400R12 / FS600R07 / FS800R07
Ordering code
CR
μF
Imax
1)
A
Lself
nH
RS
m
Î
kA
IS
kA
tan
120 Hz
Dimensions
L x W x H
mm
Graph
Fig.
B25655J4507K005
500
120
15
1.0
2
8
8 · 10-4
237 x 72 x 50
D
2
B25655P4507K000
3)
500
120
15
0.5
2
8
5 · 10-4
237 x 54 x 50
F
2
B25655P4707K000
2)
700
135
15
0.4
3
9
5 · 10-4
237 x 72 x 50
E
2
B25655P4847K000
840
135
15
0.4
3.6
10.5 5 · 10-4
237 x 72 x 50
E
2
B25655P4907K000
2)
900
135
15
0.4
3.6
10.5 5 · 10-4
237 x 72 x 50
E
2
B25655P4108K000
1000 135
15
0.4
4.0
11.5 5 · 10-4
237 x 72 x 50
E
2
1)
Considering maximum hot spot temperature at +105 °C and cooling efficiency to be validated.
2)
Preferred types.
3)
Samples only available in prototype housing.
Picture 1
Picture 2
For HP1 platform
For HP2 platform
Sample for laboratory use only


Similar Part No. - B25655P4507K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25655P4507K100 TDK-B25655P4507K100 Datasheet
890Kb / 7P
   PCC Power Capacitors for HybridPACKTM IGBT Modules
B25655P4507K101 TDK-B25655P4507K101 Datasheet
890Kb / 7P
   PCC Power Capacitors for HybridPACKTM IGBT Modules
B25655P4507K130 TDK-B25655P4507K130 Datasheet
890Kb / 7P
   PCC Power Capacitors for HybridPACKTM IGBT Modules
B25655P4507K131 TDK-B25655P4507K131 Datasheet
890Kb / 7P
   PCC Power Capacitors for HybridPACKTM IGBT Modules
B25655P4507K140 TDK-B25655P4507K140 Datasheet
890Kb / 7P
   PCC Power Capacitors for HybridPACKTM IGBT Modules
More results

Similar Description - B25655P4507K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25655J4307K001 TDK-B25655J4307K001 Datasheet
890Kb / 7P
   PCC Power Capacitors for HybridPACKTM IGBT Modules
logo
EPCOS
B25655M9108K EPCOS-B25655M9108K Datasheet
496Kb / 5P
   Film capacitors - Power electronic capacitors PCC series for IGBT modules
logo
List of Unclassifed Man...
FC250B1 ETC2-FC250B1 Datasheet
196Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
logo
Pepperl+Fuchs Inc.
LB9109.E.6.1 PF-LB9109.E.6.1 Datasheet
683Kb / 1P
   Plug for Ex e Modules
2020-03-30
LB9109.E.8.1 PF-LB9109.E.8.1 Datasheet
562Kb / 1P
   Plug for Ex e Modules
2020-03-30
logo
List of Unclassifed Man...
A97F8620 ETC2-A97F8620 Datasheet
196Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
A97F8676S ETC2-A97F8676S Datasheet
590Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
logo
Pepperl+Fuchs Inc.
LB9109.E.8.2 PF-LB9109.E.8.2 Datasheet
854Kb / 1P
   Plug for Ex e Modules
2020-03-30
logo
TE Connectivity Ltd
602-430-XXX TEC-602-430-XXX Datasheet
332Kb / 4P
   HIRSCHMANN MOBILITY
logo
Pepperl+Fuchs Inc.
LB9107.E.6 PF-LB9107.E.6 Datasheet
693Kb / 1P
   Protective Cover for Ex e Modules
2020-03-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com