Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25655P4467K000 Datasheet(PDF) 9 Page - TDK Electronics

Part # B25655P4467K000
Description  PCC Power Capacitor Chip for 650-VR Semiconductor Modules in e-Mobility Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B25655P4467K000 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B25655P4467K000 Datasheet HTML 2Page - TDK Electronics B25655P4467K000 Datasheet HTML 3Page - TDK Electronics B25655P4467K000 Datasheet HTML 4Page - TDK Electronics B25655P4467K000 Datasheet HTML 5Page - TDK Electronics B25655P4467K000 Datasheet HTML 6Page - TDK Electronics B25655P4467K000 Datasheet HTML 7Page - TDK Electronics B25655P4467K000 Datasheet HTML 8Page - TDK Electronics B25655P4467K000 Datasheet HTML 9Page - TDK Electronics B25655P4467K000 Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
General Data
PRELIMINARY
© EPCOS AG - Edition August 2014
Specifications and characteristics
Capacitance tolerance
±10%
tan
δ
0
2 •10
-4
VR
450 VDC
Vs
600 VDC
Test data
Voltage between terminals VTT
675 VDC, 10 s
Voltage between terminals and case VTC
3000 VDC, 10 s
Rins C
≥10000 s
Life expectancy
Up to 15 000 hours
1)
aFQ
300 fit
Values after Test Ca, IEC 68-2 (21 days, 40 °C, 93% rel. humidity)
|
C/C|
≤5%
tan
≤5 •10
-4
Rins C
≤3000 s
Climatic category
40/105/21
Tstg
-45 ... +110 °C
Tmin
-40 °C
Tmax
+105 °C
THS (maximum hot spot temperature)
+105 °C
Max. permissible humidity
95%
Construction and general data
Resin filling
Polyurethane resin
Case
Plastic (Polycarbonate)
Terminals
Flat copper (tinned)
Creepage and clearance distance
Figure 1: 9 mm
Figure 2: 8 mm
Cooling
to be confirmed
Degree of protection
Indoor mounting (IP54)
RoHS compliance
Halogen free
1) To be confirmed; depending on the application
Display of ordering codes for EPCOS products
The ordering code for one and the same product can be represented differently in data sheets, data books, other
publications and the website of EPCOS, or in order-related documents such as shipping notes, order confirmations and
product labels. The varying representations of the ordering codes are due to different processes employed and do
not affect the specifications of the respective products. Detailed information can be found on the Internet under
www.epcos.com/orderingcodes


Similar Part No. - B25655P4467K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25655P4467K000 TDK-B25655P4467K000 Datasheet
890Kb / 7P
   PCC Power Capacitors for HybridPACKTM IGBT Modules
More results

Similar Description - B25655P4467K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25655J4307K001 TDK-B25655J4307K001 Datasheet
890Kb / 7P
   PCC Power Capacitors for HybridPACKTM IGBT Modules
logo
EPCOS
B25655M9108K EPCOS-B25655M9108K Datasheet
496Kb / 5P
   Film capacitors - Power electronic capacitors PCC series for IGBT modules
logo
List of Unclassifed Man...
FC250B1 ETC2-FC250B1 Datasheet
196Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
logo
Pepperl+Fuchs Inc.
LB9109.E.6.1 PF-LB9109.E.6.1 Datasheet
683Kb / 1P
   Plug for Ex e Modules
2020-03-30
LB9109.E.8.1 PF-LB9109.E.8.1 Datasheet
562Kb / 1P
   Plug for Ex e Modules
2020-03-30
logo
List of Unclassifed Man...
A97F8620 ETC2-A97F8620 Datasheet
196Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
A97F8676S ETC2-A97F8676S Datasheet
590Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
logo
Pepperl+Fuchs Inc.
LB9109.E.8.2 PF-LB9109.E.8.2 Datasheet
854Kb / 1P
   Plug for Ex e Modules
2020-03-30
logo
TE Connectivity Ltd
602-430-XXX TEC-602-430-XXX Datasheet
332Kb / 4P
   HIRSCHMANN MOBILITY
logo
Pepperl+Fuchs Inc.
LB9107.E.6 PF-LB9107.E.6 Datasheet
693Kb / 1P
   Protective Cover for Ex e Modules
2020-03-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com