Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELJPB470KF Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ELJPB470KF
Description  Low DCR and large current capability, suitable for power circuitry.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPB470KF Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button ELJPB470KF Datasheet HTML 2Page - Panasonic Semiconductor ELJPB470KF Datasheet HTML 3Page - Panasonic Semiconductor ELJPB470KF Datasheet HTML 4Page - Panasonic Semiconductor ELJPB470KF Datasheet HTML 5Page - Panasonic Semiconductor ELJPB470KF Datasheet HTML 6Page - Panasonic Semiconductor ELJPB470KF Datasheet HTML 7Page - Panasonic Semiconductor ELJPB470KF Datasheet HTML 8Page - Panasonic Semiconductor ELJPB470KF Datasheet HTML 9Page - Panasonic Semiconductor ELJPB470KF Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
t1
t2
A
P1
P2
f D
0
P0
Tape running
direction
Chip component
t1
t2
P0
A
P1
P2
f D1
f D
0
Tape running
direction
Chip
component
t1
t2
P1
P0
P2
f D
0
A
Tape running direction
Chip component
t2
t1
Part
P0
fD0
P1
P2
A
Tape running
direction
E
C
D
A
W
● Taping Reel Dimensions in mm (not to scale)
● Punched Carrier Tape Dimensions in mm (not to scale)
● Type □F
AB
W
E
F
P1
RF, QF, PF
0.71
1.21
8.0
1.75
3.5
2.0
P2
P0
0D0
t1
t2
RF, QF, PF
2.0
4.0
01.5
0.7
max.
1.0
max.
Packaging Methods (Taping)
● Type □E, Type ND, Type □C
AB
W
E
F
P1
RE, QE, PE
1.0
1.8
8.0
1.75
3.5
4.0
ND
1.45
2.25
8.0
1.75
3.5
4.0
NC, FC, PC, LC, SC 2.40
2.90
8.0
1.75
3.5
4.0
P2
P0
0D0
0D1
t1
t2
RE, QE, PE
2.0
4.0
01.5
00.6 (0.27) 1.2
ND
2.0
4.0
01.5
01.0 (0.25) 1.55
NC, FC, PC, LC, SC
2.0
4.0
01.5
01.1 (0.25) 1.85
● Type □A
AB
W
E
F
P1
NA, FA, PA, LA,
SA, EA, DA
2.80
3.60
8.0
1.75
3.5
4.0
P2
P0
0D0
t1
t2
NA, FA, PA, LA,
SA, EA, DA
2.0
4.0
01.5 (0.25) 2.40
● Type □B
AB
W
E
F
P1
FB, PB
3.60
4.90
12.0
1.75
5.5
8.0
P2
P0
0D0
t1
t2
FB, PB
2.0
4.0
01.5 (0.30) 3.50
Parts
Types
AB
C
DE
W
RF, QF, PF, RE, QE, PE, ND,
NC, FC, PC, LC, SC,
NA, FA, PA, LA, SA, EA, DA
180
60
13
21
2
9
FB, PB
180
60
13
21
2
13
Quantity
Types
Quantity
RF, QF, PF
10000 pcs.
RE, QE, PE, ND
3000 pcs.
NC, FC, PC, LC, SC
2000 pcs.
NA, FA, PA, LA, SA, EA, DA
2000 pcs.
FB, PB
500 pcs.
Standard Packing Quantity/Reel
✽ Under conditions of high temperature and humidity
deterioration of the taping and packaging may be
accelerated.
Please carefully control storage conditions and use the
product within 6 months of receipt.
● Embossed Carrier Tape Dimensions in mm (not to scale)
Sep. 2012
03
7


Similar Part No. - ELJPB470KF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPB470KF PANASONIC-ELJPB470KF Datasheet
236Kb / 7P
   High Power Type PF, PE, PC, PA, PB
ELJPB470KF PANASONIC-ELJPB470KF Datasheet
283Kb / 5P
   High Power Types PF, PE, PC, PA, PB
ELJPB470KF PANASONIC-ELJPB470KF Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
More results

Similar Description - ELJPB470KF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DFEH12060D TOKO-DFEH12060D Datasheet
229Kb / 1P
   Suitable for large current
logo
KODENSHI_AUK CORP.
DN100 KODENSHI-DN100 Datasheet
178Kb / 4P
   Suitable for low voltage large current drivers
DP500F KODENSHI-DP500F Datasheet
285Kb / 4P
   Suitable for low voltage large current drivers
DN050 KODENSHI-DN050 Datasheet
197Kb / 4P
   Suitable for low voltage large current drivers
DP500P KODENSHI-DP500P Datasheet
53Kb / 3P
   Suitable for low voltage large current drivers
DN050S KODENSHI-DN050S Datasheet
272Kb / 4P
   Suitable for low voltage large current drivers
DP500 KODENSHI-DP500 Datasheet
59Kb / 3P
   Suitable for low voltage large current drivers
SPS8550 KODENSHI-SPS8550 Datasheet
192Kb / 4P
   Suitable for low voltage large current drivers
DP500F KODENSHI-DP500F Datasheet
285Kb / 4P
   Suitable for low voltage large current drivers
logo
Murata Manufacturing Co...
PLT10HH9016R0PN MURATA1-PLT10HH9016R0PN_V01 Datasheet
399Kb / 4P
   Meets large current up to 18A max. suitable for power lines
Last updated07/27/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com