Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UVK105CH0R8BW-F Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # UVK105CH0R8BW-F
Description  Multilayer Ceramic Capacitors for High Frequency Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

UVK105CH0R8BW-F Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  UVK105CH0R8BW-F Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc UVK105CH0R8BW-F Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data- 12RVD02
RoHS compliance product
UVK105CH0R8BW
50V 1005 CH/C0H 0.8pF +/- 0.1pF t=0.55mmMAX
50V 0402 CH/C0H 0.8pF +/- 0.1pF t=0.022inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification
0.1
1
10
100
1000
1
10
100
1000
10000 100000
Frequency[MHz]
UVK105CH0R8BW
Capacitance Freq.
-10
-5
0
5
10
0
1020304050
DC Bias Voltage[V]
UVK105CH0R8BW
DC Bias Char.
0.01
0.1
1
10
100
1000
10000
100000
1000000
1
10
100
1000
10000 100000
Frequency[MHz]
UVK105CH0R8BW
Impedance,ESR Freq.
ESR
Z
-10
-5
0
5
10
-55 -35 -15 5
25 45 65 85 105 125
Temperature[degreeC]
UVK105CH0R8BW
Capacitance Temp.


Similar Part No. - UVK105CH0R8BW-F

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UVK105CH0R3BW-F TAIYO-YUDEN-UVK105CH0R3BW-F Datasheet
299Kb / 2P
   Multilayer Ceramic Capacitors for High Frequency Applications
UVK105CH0R4BW-F TAIYO-YUDEN-UVK105CH0R4BW-F Datasheet
295Kb / 2P
   Multilayer Ceramic Capacitors for High Frequency Applications
UVK105CH0R5BW-F TAIYO-YUDEN-UVK105CH0R5BW-F Datasheet
295Kb / 2P
   Multilayer Ceramic Capacitors for High Frequency Applications
UVK105CH0R6BW-F TAIYO-YUDEN-UVK105CH0R6BW-F Datasheet
295Kb / 2P
   Multilayer Ceramic Capacitors for High Frequency Applications
UVK105CH0R7BW-F TAIYO-YUDEN-UVK105CH0R7BW-F Datasheet
296Kb / 2P
   Multilayer Ceramic Capacitors for High Frequency Applications
More results

Similar Description - UVK105CH0R8BW-F

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TVS042CG3R3BC-W TAIYO-YUDEN-TVS042CG3R3BC-W Datasheet
143Kb / 1P
   Multilayer Ceramic Capacitors for High Frequency Applications
TVS042CG3R8CC-W TAIYO-YUDEN-TVS042CG3R8CC-W Datasheet
143Kb / 1P
   Multilayer Ceramic Capacitors for High Frequency Applications
EVK105CH2R4JW-F TAIYO-YUDEN-EVK105CH2R4JW-F Datasheet
296Kb / 2P
   Multilayer Ceramic Capacitors for High Frequency Applications
EVK105CH5R1JW-F TAIYO-YUDEN-EVK105CH5R1JW-F Datasheet
296Kb / 2P
   Multilayer Ceramic Capacitors for High Frequency Applications
TVS042CG0R5BC-W TAIYO-YUDEN-TVS042CG0R5BC-W Datasheet
143Kb / 1P
   Multilayer Ceramic Capacitors for High Frequency Applications
TVS042CG0R6BC-W TAIYO-YUDEN-TVS042CG0R6BC-W Datasheet
143Kb / 1P
   Multilayer Ceramic Capacitors for High Frequency Applications
TVS042CG0R8BC-W TAIYO-YUDEN-TVS042CG0R8BC-W Datasheet
143Kb / 1P
   Multilayer Ceramic Capacitors for High Frequency Applications
TVS042CG2R3BC-W TAIYO-YUDEN-TVS042CG2R3BC-W Datasheet
143Kb / 1P
   Multilayer Ceramic Capacitors for High Frequency Applications
TVS042CG2R7BC-W TAIYO-YUDEN-TVS042CG2R7BC-W Datasheet
143Kb / 1P
   Multilayer Ceramic Capacitors for High Frequency Applications
TVS042CG2R9BC-W TAIYO-YUDEN-TVS042CG2R9BC-W Datasheet
143Kb / 1P
   Multilayer Ceramic Capacitors for High Frequency Applications
TVS042CG3R2BC-W TAIYO-YUDEN-TVS042CG3R2BC-W Datasheet
143Kb / 1P
   Multilayer Ceramic Capacitors for High Frequency Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com