Electronic Components Datasheet Search |
|
ELJPA680KF2 Datasheet(PDF) 3 Page - Panasonic Semiconductor |
|
ELJPA680KF2 Datasheet(HTML) 3 Page - Panasonic Semiconductor |
3 / 10 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Fixed Inductors (Chip Inductors) 0.6±0.2 3.2±0.3 Marking 4.0 to 4.6 1.6 to 2.0 Part No. Inductance Q SRF ✽1 (MHz) min. RDC ✽2 ( Ω) max. DC Current (mA) max. (μH) Tolerance (%) Test Freq. (MHz) min. Test Freq. (MHz) ELJPA1R0MF 1.0 M : ±20 % 7.96 7 7.96 150 0.15 600 ELJPA1R5MF 1.5 110 0.18 550 ELJPA2R2MF 2.2 80 0.23 500 ELJPA3R3MF 3.3 58 0.28 400 ELJPA4R7MF 4.7 46 0.34 350 ELJPA6R8MF 6.8 38 0.42 300 ELJPA100KF 10 K : ±10 % 2.52 15 2.52 23 0.50 240 ELJPA120KF 12 21 0.60 230 ELJPA150KF 15 18 0.74 220 ELJPA180KF 18 17 0.90 205 ELJPA220KF 22 15 1.15 185 ELJPA270KF 27 13 1.45 165 ELJPA330KF 33 12 1.65 155 ELJPA390KF 39 11 1.90 145 ELJPA470KF 47 9.5 2.25 135 ELJPA560KF 56 8.5 3.30 110 ELJPA680KF 68 7.5 3.70 105 ELJPA820KF 82 7.0 4.20 100 ELJPA101KF 100 0.796 20 0.796 6.5 5.00 90 ELJPA121KF 120 6.0 7.00 75 ELJPA151KF 150 5.5 8.00 70 ELJPA181KF 180 5.0 9.50 65 ELJPA221KF 220 4.0 11.0 60 ELJPA271KF 270 3.5 14.5 55 ELJPA331KF 330 3.0 16.0 50 ● Recommended Land Pattern in mm (not to scale) ● Dimensions in mm (not to scale) ■ Standard Packing Quantity ● 2000 pcs./Reel ■ Standard Parts(PA Type) Part No. Inductance Self Resonant Frequency (MHz) min. DC Resistance ( Ω) Rated Current ✽1 (mA) max. Saturation Rated Current ✽2 (mA) max. (μH) Tolerance (%) Test Freq. (MHz) ELJPA1R0MF2 1.0 M : ±20 % 1 130 0.085 ±30 % 1150 1200 ELJPA2R2MF2 2.2 70 0.17 ±30 % 800 800 ELJPA3R3MF2 3.3 42 0.19 ±30 % 750 690 ELJPA4R7MF2 4.7 35 0.23 ±30 % 700 580 ELJPA6R8MF2 6.8 28 0.28 ±30 % 620 530 ELJPA100KF2 10 K : ±10 % 23 0.35 ±20 % 590 400 ELJPA220KF2 22 15 0.66 ±20 % 420 290 ELJPA330KF2 33 12 1.05 ±20 % 330 240 ELJPA470KF2 47 9.5 1.75 ±20 % 260 200 ELJPA680KF2 68 7.5 3.20 ±20 % 190 160 ELJPA101KF2 100 6.5 3.90 ±20 % 175 130 ELJPA221KF2 220 4.0 8.70 ±20 % 115 85 ■ Standard Parts(PA□2 Type) ✽1 Rated current is defined by maximum temperature rise of 40 Celsius. ✽2 Saturation Rated Current is defined by 30% change of inductance. -dL/L<-30% ✽1 : Self Resonant Frequency ✽2 : DC Resistance ■ PA Type 3225 (1210)/PA□2 Type 3225 (1210) Sep. 2012 03 3 Discontinued :Wirewound Chip Inductor. ELJPA |
Similar Part No. - ELJPA680KF2 |
|
Similar Description - ELJPA680KF2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |