Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9601 Datasheet(PDF) 3 Page - NEC

Part # PS9601
Description  HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9601 Datasheet(HTML) 3 Page - NEC

  PS9601 Datasheet HTML 1Page - NEC PS9601 Datasheet HTML 2Page - NEC PS9601 Datasheet HTML 3Page - NEC PS9601 Datasheet HTML 4Page - NEC PS9601 Datasheet HTML 5Page - NEC PS9601 Datasheet HTML 6Page - NEC PS9601 Datasheet HTML 7Page - NEC PS9601 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PS9601, PS9601L
3
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Diode
Forward Current
IF
30
mA
Reverse Voltage
VR
5V
Power Dissipation
PD
60
mW
Detector
Supply Voltage
VCC
7V
Output Voltage
VO
7V
Output Current
IO
50
mA
Enable Voltage
VE
5.5
V
Power Dissipation
PC
85
mW
Isolation Voltage *1
BV
5 000
Vr.m.s.
Operating Temperature
Topt
–40 to +85
˚C
Storage Temperature
Tstg
–55 to +125
˚C
*1 AC voltage for 1 minute TA = 25 ˚C, RH = 60 % between input and output.
RECOMMENDED OPERATING CONDITIONS (TA = 25 ˚C)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Low Level Input Current
IFL
0
250
µA
High Level Input Current
IFH
710
15
mA
High Level Enable Voltage
VEH
2VCC
V
High Level Enable Voltage
VEL
0
0.8
V
Supply Voltage
VCC
4.5
5
5.5
V
Operating Temperature
Topt
025
70
˚C
* By-pass capacitor of more than 0.1
µF is used between VCC and GND near device.
ELECTRICAL CHARACTERISTICS (TA = –40 to +85 ˚C)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Forward Voltage
VF
1.4
1.65
1.9
V
IF = 10 mA, TA = 25 ˚C
Reverse Current
IR
10
µAVR = 5 V, TA = 25 ˚C
Capacitance
Ct
60
pF
V = 0, f = 1 MHz, TA = 25 ˚C
High Level Output Current
IOH
2
250
µAVCC = VO = 5.5 V, IF = 250 µs, VE = 2 V
Low Level Output Voltage
VOL
0.2
0.6
V
VCC = 5.5 V, IF = 5 mA, VE = 2 V, IO = 13 mA
High Level Supply Current
ICCH
57
10
mA
VCC = 5.5 V, VE = 0.5 V, IF = 0
Low Level Supply Current
ICCL
10
13
18
mA
VCC = 5.5 V, VE = 2 V, IF = 10 mA
High Level Enable Current
IEH
–0.7
–1
–1.5
mA
VCC = 5.5 V, VEH = 2 V
Low Level Enable Current
IEL
–1
–1.4
–2
mA
VCC = 5.5 V, VEL = 0.5 V


Similar Part No. - PS9601

ManufacturerPart #DatasheetDescription
logo
NEC
PS9601 NEC-PS9601 Datasheet
58Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9601 CEL-PS9601 Datasheet
59Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
NEC
PS9601L NEC-PS9601L Datasheet
58Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9601L CEL-PS9601L Datasheet
59Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
NEC
PS9601 NEC-PS9601_01 Datasheet
58Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
More results

Similar Description - PS9601

ManufacturerPart #DatasheetDescription
logo
NEC
PS9601 NEC-PS9601_01 Datasheet
58Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9601 CEL-PS9601 Datasheet
59Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS2514-1 RENESAS-PS2514-1_15 Datasheet
227Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2514-1 RENESAS-PS2514-1 Datasheet
235Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2514-1 CEL-PS2514-1 Datasheet
605Kb / 15P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2513-1 CEL-PS2513-1 Datasheet
269Kb / 15P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
NEC
PS2513-1 NEC-PS2513-1 Datasheet
156Kb / 7P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2513-1 RENESAS-PS2513-1 Datasheet
255Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2513-1 RENESAS-PS2513-1_15 Datasheet
248Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com