Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELJPC330KF Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # ELJPC330KF
Description  Low DCR and large current capability, suitable for power circuitry.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPC330KF Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button ELJPC330KF Datasheet HTML 2Page - Panasonic Semiconductor ELJPC330KF Datasheet HTML 3Page - Panasonic Semiconductor ELJPC330KF Datasheet HTML 4Page - Panasonic Semiconductor ELJPC330KF Datasheet HTML 5Page - Panasonic Semiconductor ELJPC330KF Datasheet HTML 6Page - Panasonic Semiconductor ELJPC330KF Datasheet HTML 7Page - Panasonic Semiconductor ELJPC330KF Datasheet HTML 8Page - Panasonic Semiconductor ELJPC330KF Datasheet HTML 9Page - Panasonic Semiconductor ELJPC330KF Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
Chip Inductors
Type:
□F, □E, □D, □C, □A, □B
Ceramic Core/Laser-Cut and wire wound type chip inductors for automatic and high-density mounting
Wide variation product line-up correspond to various needs
Recommended Applications
● Cellular phones, wireless communication equipment (W-LAN, Bluetooth), various modules, HIC, TV, VTR, PC & peripherals,
DVD, DSC, STB.
Inductors · Selection Guide
Size : mm (inch)
□B
(Size 4532)
□A
(Size 3225)
□D
(Size 2012)
□F
(Size 1005)
□C
(Size 2520)
□E
(Size 1608)
Technology
Case
Usage
Non wound
Wire wound
Size 1005
(0402)
Size 1608
(0603)
Size 2012
(0805)
Size 2520
(1008)
Size 3225
(1210)
Size 4532
(1812)
High Freq. Use
ELJRF
1.0–100 nH
ELJRE
1.0–220 nH
ELJND
10–1000 nH
ELJNC
10–820 nH
ELJNA
47–8200 nH
High Freq.
High-Q
ELJQF
1.0–39 nH
ELJQE
2.2–56 nH
General Use
ELJFC
0.22–100 µH
ELJFA
0.22–220 µH
ELJFB
0.22–1000 µH
High Power
ELJPF
2.2–10 nH
ELJPE
2.2–22 nH
ELJPC/PC
□3
ELJLC
1.0–33 µH
ELJPA/PA
□2
ELJLA
1.0–330 µH
ELJPB
10–220 µH
Magnetically
Shielded
ELJSC
27–100 µH
ELJSA
10–270 µH
Low DC
Resistance
ELJEA
1.0–330 µH
Signal
Processing Use
(Low Distortion Type)
ELJDA/ELJFA
39–100 µH
Sep. 2012
03
10
Discontinued
:Wirewound Chip Inductor. □D, □C, □A, □B
Discontinued


Similar Part No. - ELJPC330KF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPC330KF PANASONIC-ELJPC330KF Datasheet
236Kb / 7P
   High Power Type PF, PE, PC, PA, PB
ELJPC330KF PANASONIC-ELJPC330KF Datasheet
283Kb / 5P
   High Power Types PF, PE, PC, PA, PB
ELJPC330KF PANASONIC-ELJPC330KF Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
More results

Similar Description - ELJPC330KF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DFEH12060D TOKO-DFEH12060D Datasheet
229Kb / 1P
   Suitable for large current
logo
KODENSHI_AUK CORP.
DN100 KODENSHI-DN100 Datasheet
178Kb / 4P
   Suitable for low voltage large current drivers
DP500F KODENSHI-DP500F Datasheet
285Kb / 4P
   Suitable for low voltage large current drivers
DN050 KODENSHI-DN050 Datasheet
197Kb / 4P
   Suitable for low voltage large current drivers
DP500P KODENSHI-DP500P Datasheet
53Kb / 3P
   Suitable for low voltage large current drivers
DN050S KODENSHI-DN050S Datasheet
272Kb / 4P
   Suitable for low voltage large current drivers
DP500 KODENSHI-DP500 Datasheet
59Kb / 3P
   Suitable for low voltage large current drivers
SPS8550 KODENSHI-SPS8550 Datasheet
192Kb / 4P
   Suitable for low voltage large current drivers
DP500F KODENSHI-DP500F Datasheet
285Kb / 4P
   Suitable for low voltage large current drivers
logo
Murata Manufacturing Co...
PLT10HH9016R0PN MURATA1-PLT10HH9016R0PN_V01 Datasheet
399Kb / 4P
   Meets large current up to 18A max. suitable for power lines
Last updated07/27/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com