Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS8701 Datasheet(PDF) 2 Page - NEC

Part # PS8701
Description  HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS8701 Datasheet(HTML) 2 Page - NEC

  PS8701 Datasheet HTML 1Page - NEC PS8701 Datasheet HTML 2Page - NEC PS8701 Datasheet HTML 3Page - NEC PS8701 Datasheet HTML 4Page - NEC PS8701 Datasheet HTML 5Page - NEC PS8701 Datasheet HTML 6Page - NEC PS8701 Datasheet HTML 7Page - NEC PS8701 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PS8701
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current
IF
25
mA
Reverse Voltage
VR
3.0
V
Power Dissipation
PD
45
mW
Detector
Supply Voltage
VCC
35
V
Output Voltage
VO
35
V
Output Current
IO
8.0
mA
Power Dissipation
PC
100
mW
Isolation Voltage
*1
BV
2 500
Vr.m.s.
Operating Ambient Temperature
TA
–55 to +100
°C
Storage Temperature
Tstg
–55 to +125
°C
*1 AC voltage for 1 minute at TA = 25 °C, RH = 60 % between input and output
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 16 mA
1.7
2.2
V
Reverse Current
IR
VR = 3 V
10
µA
Forward Voltage
Temperature Coefficient
∆VF/∆TIF = 16 mA
−1.6
mV/
°C
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz
60
pF
Detector
High Level Output Current
IOH (1)
IF = 0 mA, VCC = VO = 5.5 V
3
500
nA
High Level Output Current
IOH (2)
IF = 0 mA, VCC = VO = 30 V
100
µA
Low Level Output Voltage
VOL
IF = 16 mA, VCC = 4.5 V, IO = 1.2 mA
0.1
0.4
V
Low Level Supply Current
ICCL
IF = 16 mA, VO = open, VCC = 30 V
50
µA
High Level Supply Current
ICCH
IF = 0 mA, VO = open, VCC = 30 V
0.01
2
Coupled
Current Transfer Ratio
CTR
IF = 16 mA, VCC = 4.5 V, VO = 0.4 V
15
20
35
%
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60 %
10
11
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
0.4
pF
Propagation Delay Time
(H
→ L)*1
tPHL
IF = 16 mA, VCC = 5 V, RL = 2.2 k
Ω,
CL = 15 pF
0.5
0.8
µs
Propagation Delay Time
(L
→ H)*1
tPLH
0.6
1.2
Common Mode
Transient Immunity at
High Level Output
*2
CMH
IF = 0 mA, VCC = 5 V, RL = 4.1 k
Ω,
VCM = 1.5 kV
10
kV/
µs
Common Mode
Transient Immunity at
Low Level Output
*2
CML
IF = 16 mA, VCC = 5 V, RL = 4.1 k
Ω,
VCM = 1.5 kV
−10


Similar Part No. - PS8701

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8701 CEL-PS8701 Datasheet
56Kb / 6P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS8701-E3 CEL-PS8701-E3 Datasheet
56Kb / 6P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS8701-E4 CEL-PS8701-E4 Datasheet
56Kb / 6P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS8701-F3 CEL-PS8701-F3 Datasheet
56Kb / 6P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS8701-F4 CEL-PS8701-F4 Datasheet
56Kb / 6P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
More results

Similar Description - PS8701

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8701 CEL-PS8701 Datasheet
56Kb / 6P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
logo
NEC
PS8602 NEC-PS8602 Datasheet
84Kb / 10P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8602 RENESAS-PS8602 Datasheet
300Kb / 18P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS8602 CEL-PS8602 Datasheet
437Kb / 13P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
NEC
PS8101 NEC-PS8101 Datasheet
101Kb / 3P
   NECs HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS9711 NEC-PS9711 Datasheet
93Kb / 5P
   HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5-PIN SOP TOM PHOTOCOUPLER
PS8103 NEC-PS8103 Datasheet
318Kb / 10P
   HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS9151 CEL-PS9151 Datasheet
240Kb / 14P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9151 RENESAS-PS9151_15 Datasheet
267Kb / 14P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
NEC
PS9701 NEC-PS9701 Datasheet
86Kb / 12P
   HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com