Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


PS8701 Datasheet(PDF) 6 Page - NEC

Part No. PS8701
Description  HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

   
 6 page
background image
6
PS8701
TAPING SPECIFICATIONS (in millimeters)
Outline and Dimensions (Tape)
1.55±0.1
2.0±0.1
4.0±0.1
1.55±0.1
4.6±0.1
2.4±0.1
0.3
8.0±0.1
Taping Direction
PS8701-E3
PS8701-F3
PS8701-E4
PS8701-F4
Outline and Dimensions (Reel)
Packing: PS8701-E3, E4 900 pcs/reel
PS8701-F3, F4 3 500 pcs/reel
12.4
+2.0
–0.0
18.4 MAX.
1.5±0.1
1.5±0.1
1.5±0.5
2.0±0.5
6.0±1
120
˚
6 0
˚




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PS9711HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps TOTEM-POLE OUTPUT TYPE 5-PIN SOP TOM PHOTOCOUPLER 1 2 3 4 5 NEC
PS8802-1NECs 1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SOP HIGH-SPEED PHOTOCOUPLER 1 2 3 NEC
PS9611HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER 1 2 3 4 5 NEC
PS9121HIGH CMR 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP 3.3V HIGH-SPEED PHOTOCOUPLER 1 2 3 4 5 MoreCalifornia Micro Devices Corp
PS8103HIGH-SPEED 200 kbps ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER 1 2 3 4 5 MoreNEC
PS8602HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER 1 2 3 4 5 MoreNEC
PS9814NECs 10 Mbps HIGH CMR OPEN COLLECTOR OUTPUT TYPE 8-PIN SOP HIGH-SPEED PHOTOCOUPLER 1 2 3 List of Unclassifed Manufacturers
PS9701HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER 1 2 3 4 5 MoreNEC
PS9617HIGH NOISE REDUCTION HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
PS9715HIGH CMR 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER 1 2 3 4 5 MoreNEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl