Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS8701 Datasheet(PDF) 5 Page - NEC

Part # PS8701
Description  HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS8701 Datasheet(HTML) 5 Page - NEC

  PS8701 Datasheet HTML 1Page - NEC PS8701 Datasheet HTML 2Page - NEC PS8701 Datasheet HTML 3Page - NEC PS8701 Datasheet HTML 4Page - NEC PS8701 Datasheet HTML 5Page - NEC PS8701 Datasheet HTML 6Page - NEC PS8701 Datasheet HTML 7Page - NEC PS8701 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
PS8701
10
4
0
8
6
2
4
8
18
20
16
2
6
10
12
14
Output Voltage VO (V)
OUTPUT CURRENT vs.
OUTPUT VOLTAGE
20 mA
15 mA
10 mA
5 mA
IF = 25 mA
6
5
4
2
0
3
1
12
16
20
48
26
10
14
18
Forward Current IF (mA)
OUTPUT VOLTAGE vs.
FORWARD CURRENT
RL = 2.2 k
5.6 k
3.0
0
1.0
2.0
10
15
25
5
20
Forward Current IF (mA)
PROPAGATION DELAY TIME vs.
FORWARD CURRENT
VCC = 5 V,
RL = 2.2 k
tPHL
tPLH
10
1
0.1
10 k
100 k
1 k
Load Resistance RL (
Ω)
PROPAGATION DELAY TIME vs.
LOAD RESISTANCE
VCC = 5 V,
IF = 16 mA
tPLH
tPHL
5
4
2
0
3
1
–50
0
50
100
–25
75
25
Ambient Temperature TA (˚C)
NORMALIZED PROPAGATION DELAY TIME
vs. AMBIENT TEMPERATURE
Normalized to 1.0
at TA = 25 ˚C,
IF = 16 mA, VCC = 5 V,
RL = 2.2 k
tPLH
tPHL


Similar Part No. - PS8701

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8701 CEL-PS8701 Datasheet
56Kb / 6P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS8701-E3 CEL-PS8701-E3 Datasheet
56Kb / 6P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS8701-E4 CEL-PS8701-E4 Datasheet
56Kb / 6P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS8701-F3 CEL-PS8701-F3 Datasheet
56Kb / 6P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS8701-F4 CEL-PS8701-F4 Datasheet
56Kb / 6P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
More results

Similar Description - PS8701

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8701 CEL-PS8701 Datasheet
56Kb / 6P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
logo
NEC
PS8602 NEC-PS8602 Datasheet
84Kb / 10P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8602 RENESAS-PS8602 Datasheet
300Kb / 18P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS8602 CEL-PS8602 Datasheet
437Kb / 13P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
NEC
PS8101 NEC-PS8101 Datasheet
101Kb / 3P
   NECs HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS9711 NEC-PS9711 Datasheet
93Kb / 5P
   HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5-PIN SOP TOM PHOTOCOUPLER
PS8103 NEC-PS8103 Datasheet
318Kb / 10P
   HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS9151 CEL-PS9151 Datasheet
240Kb / 14P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9151 RENESAS-PS9151_15 Datasheet
267Kb / 14P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
NEC
PS9701 NEC-PS9701 Datasheet
86Kb / 12P
   HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com