Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G14GM Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC1G14GM
Description  Single Schmitt-trigger inverter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G14GM Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC1G14GM Datasheet HTML 2Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 3Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 4Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 5Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 6Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 7Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 8Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 9Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
74LVC1G14
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 12 — 6 August 2012
6 of 20
NXP Semiconductors
74LVC1G14
Single Schmitt-trigger inverter
[1]
All typical values are measured at Tamb = 25 C
12. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 C and VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
[2]
tpd is the same as tPLH and tPHL.
[3]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi +(CL  VCC2  fo)where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V.
VT
negative-going
threshold voltage
see Figure 10 and Figure 11
VCC = 1.8 V
0.46
0.6
0.75
0.46
0.78
V
VCC = 2.3 V
0.65
0.8
0.96
0.65
0.99
V
VCC = 3.0 V
0.88
1.0
1.24
0.88
1.27
V
VCC = 4.5 V
1.32
1.5
1.84
1.32
1.87
V
VCC = 5.5 V
1.58
1.8
2.24
1.58
2.27
V
VH
hysteresis voltage
(VT+  VT); see Figure 10,
Figure 11 and Figure 12
VCC = 1.8 V
0.26
0.4
0.51
0.19
0.51
V
VCC = 2.3 V
0.28
0.4
0.57
0.22
0.57
V
VCC = 3.0 V
0.31
0.5
0.64
0.25
0.64
V
VCC = 4.5 V
0.40
0.6
0.77
0.34
0.77
V
VCC = 5.5 V
0.47
0.6
0.88
0.41
0.88
V
Table 8.
Transfer characteristics …continued
Voltages are referenced to GND (ground = 0 V); for load circuit see Figure 9.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
Table 9.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for load circuit see Figure 9.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
A to Y; see Figure 8
[2]
VCC = 1.65 V to 1.95 V
1.0
4.1
11.0
1.0
14.0
ns
VCC = 2.3 V to 2.7 V
0.7
2.8
6.5
0.7
8.5
ns
VCC = 2.7 V
0.7
3.2
6.5
0.7
8.5
ns
VCC = 3.0 V to 3.6 V
0.7
3.0
5.5
0.7
7.0
ns
VCC = 4.5 V to 5.5 V
0.7
2.2
5.0
0.7
6.5
ns
CPD
power dissipation
capacitance
VCC = 3.3 V; VI = GND to VCC
[3]
-
15.4
-
-
-
pF


Similar Part No. - 74LVC1G14GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G14GM PHILIPS-74LVC1G14GM Datasheet
100Kb / 17P
   Single Schmitt-trigger inverter
2004 Sep 10
74LVC1G14GM NXP-74LVC1G14GM Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
logo
Nexperia B.V. All right...
74LVC1G14GM NEXPERIA-74LVC1G14GM Datasheet
290Kb / 19P
   Single Schmitt-trigger inverter
Rev. 17 - 20 January 2022
74LVC1G14GM-Q100 NEXPERIA-74LVC1G14GM-Q100 Datasheet
253Kb / 15P
   Single Schmitt trigger inverter
Rev. 7 - 20 January 2022
More results

Similar Description - 74LVC1G14GM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
   Single Schmitt-trigger inverter
2004 Sep 10
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
SN74LVC1G14 TI1-SN74LVC1G14_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_V01 Datasheet
181Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74AHC1G14Q DIODES-74AHC1G14Q Datasheet
662Kb / 9P
   SINGLE SCHMITT-TRIGGER INVERTER
March 2022 Rev. 2 - 2
logo
NXP Semiconductors
74LVC1G14GW.125 NXP-74LVC1G14GW.125 Datasheet
368Kb / 20P
   Single Schmitt-trigger inverter
Rev. 12-6 August 2012
logo
ON Semiconductor
MC74VHC1G14 ONSEMI-MC74VHC1G14_13 Datasheet
121Kb / 6P
   Single Schmitt-Trigger Inverter
February, 2013 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com