Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC40103D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC40103D
Description  8-bit synchronous binary down counter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC40103D Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC40103D Datasheet HTML 1Page - NXP Semiconductors 74HC40103D Datasheet HTML 2Page - NXP Semiconductors 74HC40103D Datasheet HTML 3Page - NXP Semiconductors 74HC40103D Datasheet HTML 4Page - NXP Semiconductors 74HC40103D Datasheet HTML 5Page - NXP Semiconductors 74HC40103D Datasheet HTML 6Page - NXP Semiconductors 74HC40103D Datasheet HTML 7Page - NXP Semiconductors 74HC40103D Datasheet HTML 8Page - NXP Semiconductors 74HC40103D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
9397 750 13812
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
3 of 25
Philips Semiconductors
74HC40103
8-bit synchronous binary down counter
5.
Ordering information
6.
Functional diagram
Table 2:
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC40103N
−40 °C to +125 °C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74HC40103D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads; body
width 3.9 mm
SOT109-1
74HC40103DB
−40 °C to +125 °C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74HC40103PW
−40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
Fig 1.
Functional diagram
Fig 2.
Logic symbol
001aab923
P3
P4
P5
P6
7
10
11
12
P7 13
P0
P1
P2
4
5
6
1CP
PE
15
PL
9
TE
TC
3
14
MR
2
001aab921
P0
P1
P2
P3
P4
P5
P6
P7
PL
TC
9
TE
3
CP
1
14
13
12
11
10
7
6
5
4
MR
2
PE
15


Similar Part No. - 74HC40103D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC40103D PHILIPS-74HC40103D Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
logo
Integrated Circuit Syst...
74HC40103D ICST-74HC40103D Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
logo
Nexperia B.V. All right...
74HC40103D NEXPERIA-74HC40103D Datasheet
836Kb / 23P
   8-bit synchronous binary down counter
Rev. 5 - 21 April 2016
logo
NXP Semiconductors
74HC40103DB PHILIPS-74HC40103DB Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
logo
Integrated Circuit Syst...
74HC40103DB ICST-74HC40103DB Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
More results

Similar Description - 74HC40103D

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
74HCT40103 ICST-74HCT40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
logo
NXP Semiconductors
74HC40103 PHILIPS-74HC40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
logo
Nexperia B.V. All right...
74HC40103 NEXPERIA-74HC40103 Datasheet
836Kb / 23P
   8-bit synchronous binary down counter
Rev. 5 - 21 April 2016
logo
ON Semiconductor
MC10E016 ONSEMI-MC10E016 Datasheet
161Kb / 8P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
logo
SEMTECH ELECTRONICS LTD...
100E016 SEMTECH_ELEC-100E016 Datasheet
180Kb / 9P
   8-Bit Synchronous Binary Up Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Micrel Semiconductor
SY10E016 MICREL-SY10E016 Datasheet
102Kb / 10P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
logo
Texas Instruments
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
Fairchild Semiconductor
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com