Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS8601L Datasheet(PDF) 4 Page - NEC

Part # PS8601L
Description  HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS8601L Datasheet(HTML) 4 Page - NEC

  PS8601L Datasheet HTML 1Page - NEC PS8601L Datasheet HTML 2Page - NEC PS8601L Datasheet HTML 3Page - NEC PS8601L Datasheet HTML 4Page - NEC PS8601L Datasheet HTML 5Page - NEC PS8601L Datasheet HTML 6Page - NEC PS8601L Datasheet HTML 7Page - NEC PS8601L Datasheet HTML 8Page - NEC PS8601L Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
PS8601, PS8601L
*2
Test Circuit for Propagation Delay Time.
18
27
36
45
Pulse Input
IF Monitor
IF
51
VCC = 5 V
VO Monitor
VO
RL
50 %
5 V
1.5 V
VOL
IF
0
VO
1.5 V
tPHL
tPLH
PW = 100 s
Duty Cycle = 1/10
µ


Similar Part No. - PS8601L

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8601L CEL-PS8601L Datasheet
433Kb / 12P
   HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8601L RENESAS-PS8601L Datasheet
282Kb / 17P
   HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS8601L-A CEL-PS8601L-A Datasheet
433Kb / 12P
   HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
PS8601L-E3 CEL-PS8601L-E3 Datasheet
433Kb / 12P
   HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
PS8601L-E3-A CEL-PS8601L-E3-A Datasheet
433Kb / 12P
   HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
More results

Similar Description - PS8601L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS8601 RENESAS-PS8601 Datasheet
282Kb / 17P
   HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS8601 CEL-PS8601 Datasheet
433Kb / 12P
   HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
PS8502 CEL-PS8502 Datasheet
961Kb / 17P
   HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8501 RENESAS-PS8501 Datasheet
293Kb / 18P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
PS8502 RENESAS-PS8502 Datasheet
167Kb / 19P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS8501 CEL-PS8501 Datasheet
942Kb / 16P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
NEC
PS8602 NEC-PS8602 Datasheet
84Kb / 10P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8602 RENESAS-PS8602 Datasheet
300Kb / 18P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS8602 CEL-PS8602 Datasheet
437Kb / 13P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
PS8821-1 CEL-PS8821-1_1 Datasheet
444Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com