Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI772 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HI772
Description  PNP EPITAXIAL PLANAR TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HI772 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HI772 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HI772 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HI772 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HI772 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE9015
Issued Date : 1996.04.12
Revised Date : 2002.05.08
Page No. : 1/4
HI772
HSMC Product Specification
HI772
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HI772 is designed for using in output stage of 10 W audio
amplifier, voltage regulator, DC-DC converter and relay driver.
Absolute Maximum Ratings (Ta=25
°C)
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature .................................................................................................... +150
°C
• Maximum Power Dissipation
Total Power Dissipation (Tc=25
°C) ..................................................................................... 10 W
• Maximum Voltages and Currents
BVCBO Collector to Base Voltage...................................................................................... -40 V
BVCEO Collector to Emitter Voltage................................................................................... -30 V
BVEBO Emitter to Base Voltage........................................................................................... -5 V
IC Collector Current (DC) ..................................................................................................... -3 A
IC Collector Current (Pulse) ................................................................................................. -7 A
IB Base Current (DC) .................................................................................................... -600 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-40
-
-
V
IC=-100uA, IE=0
BVCEO
-30
-
-
V
IC=-1mA, IB=0
BVEBO
-5
-
-
V
IE=-10uA, IC=0
ICBO
-
-
-1
uA
VCB=-30V, IE=0
IEBO
-
-
-1
uA
VEB=-3V, IC=0
*VCE(sat)
-
-0.3
-0.5
V
IC=-2A, IB=-0.2A
*VBE(sat)
-
-1
-2
V
IC=-2A, IB=-0.2A
*hFE1
30
-
-
VCE=-2V, IC=-20mA
*hFE2
100
-
500
VCE=-2V, IC=-1A
fT
-
80
-
MHz
VCE=-5V, IC=-0.1A, f=100MHz
Cob
-
55
-
pF
VCB=-10V, f=1MHz
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
Classification Of hFE1
Rank
Q
P
E
Range
100-200
160-320
250-500
TO-251


Similar Part No. - HI772

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106C INTERSIL-HI7106C Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106C/D INTERSIL-HI7106C/D Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106CM44 INTERSIL-HI7106CM44 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106CPL INTERSIL-HI7106CPL Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
More results

Similar Description - HI772

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com