Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VE-2NZ-EV-F2 Datasheet(PDF) 4 Page - Vicor Corporation

Part # VE-2NZ-EV-F2
Description  50 to 200 Watts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VE-2NZ-EV-F2 Datasheet(HTML) 4 Page - Vicor Corporation

  VE-2NZ-EV-F2 Datasheet HTML 1Page - Vicor Corporation VE-2NZ-EV-F2 Datasheet HTML 2Page - Vicor Corporation VE-2NZ-EV-F2 Datasheet HTML 3Page - Vicor Corporation VE-2NZ-EV-F2 Datasheet HTML 4Page - Vicor Corporation VE-2NZ-EV-F2 Datasheet HTML 5Page - Vicor Corporation VE-2NZ-EV-F2 Datasheet HTML 6Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Parameter
Storage
Operating
Units
Notes
E
-20 to +100
-10 to + 85
°C
Overtemperature shutdown
C
-40 to +100
-25 to + 85
°C
95°C typical (recycle power
I
-55 to +100
-40 to + 85
°C
to restart)
M
-65 to +100
-55 to + 85
°C
VI-200 DC-DC Converters
Rev 3.6
vicorpower.com
Page 4 of 6
08/2014
800 927.9474
VI-200, VE-200
VI-200 E-Grade
VI-200 C-, I-, M-Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Test Conditions
Efficiency
78 – 88%
80 – 90%
Baseplate to sink
0.07
0.07
°C/Watt
With Vicor P/N 20266
thermal impedance
Thermal shutdown
[d]
90
95
105
90
95
105
°C
Cool and recycle power
(Drivers only)
to restart
CONVERTER SPECIFICATIONS (cont.)
VI-200 E-Grade
VI-200 C-, I-, M-Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Test Conditions
Input to output
3,000
3,000
VRMS
Baseplate earthed
Output to baseplate
500
500
VRMS
Input to baseplate
1,500
1,500
VRMS
VI-200 E-, C-Grade
VI-200 I-, M-Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Test Conditions
Weight
5.7
6.3
6.9
6.6
7.3
8.1
Ounces
(160.2)
(178)
(195.8)
(187.2)
(208)
(228.8)
(Grams)
DIELECTRIC WITHSTAND CHARACTERISTICS
THERMAL CHARACTERISTICS
MECHANICAL SPECIFICATIONS
PRODUCT GRADE TEMPERATURES
[d] No overtemp protection in booster modules.


Similar Part No. - VE-2NZ-EV-F2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-200 VICOR-VE-200 Datasheet
762Kb / 5P
   DC-DC Converters 50 to 200 Watts
VE-200 VICOR-VE-200 Datasheet
203Kb / 5P
   The VI-200 family, with over 14 million units shipped, is Vicor?셲 broad series of ?쐚ero-current-switching??component-level DC-DC converters.
VE-200 VICOR-VE-200 Datasheet
203Kb / 5P
   The VI-200 family, with over 14 million units shipped, is Vicor?셲 broad series of ?쐚ero-current-switching??component-level DC-DC converters.
VE-200 VICOR-VE-200 Datasheet
203Kb / 5P
   The VI-200 family, with over 14 million units shipped, is Vicor?셲 broad series of ?쐚ero-current-switching??component-level DC-DC converters.
VE-200 VICOR-VE-200 Datasheet
203Kb / 5P
   The VI-200 family, with over 14 million units shipped, is Vicor?셲 broad series of ?쐚ero-current-switching??component-level DC-DC converters.
More results

Similar Description - VE-2NZ-EV-F2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-261-CY VICOR-VE-261-CY Datasheet
312Kb / 6P
   50 to 200 Watts
VI-BN2-CU VICOR-VI-BN2-CU Datasheet
712Kb / 6P
   50 to 200 Watts
VI-20B-CX VICOR-VI-20B-CX Datasheet
712Kb / 6P
   50 to 200 Watts
VI-200 VICOR-VI-200_17 Datasheet
419Kb / 7P
   50 to 200 Watts
logo
Wall Industries,Inc.
LVSERIES WALL-LVSERIES Datasheet
266Kb / 4P
   50-200 Watts
logo
Vicor Corporation
VI-200 VICOR-VI-200_1 Datasheet
762Kb / 5P
   DC-DC Converters 50 to 200 Watts
VI-200 VICOR-VI-200 Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-26W-CU VICOR-VI-26W-CU Datasheet
203Kb / 5P
   DC-DC Converters 50 to 200 Watts
logo
List of Unclassifed Man...
S200-50 ETC-S200-50 Datasheet
156Kb / 3P
   200 WATTS - 50 VOLTS 30MHZ
C50-28 ETC-C50-28 Datasheet
150Kb / 3P
   50 WATTS - 28VOLTS 200-450 MHZ
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com