Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN61000-4-3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EN61000-4-3
Description  Small and compact size
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EN61000-4-3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EN61000-4-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers EN61000-4-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers EN61000-4-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL
VAF503
VAF505
VAF512
VAF515
VAF524
MAX OUTPUT WATTAGE[W]
3.3
5.0
5.4
5.25
5.28
DC OUTPUT
VOLTAGE[V] 3.3
5
121524
CURRENT[A] 1.0 (Peak 1.2)
1.0 (Peak 1.2)
0.45 (Peak 0.54)
0.35 (Peak 0.42)
0.22 (Peak 0.27)
SPECIFICATIONS
MODEL
VAF503
VAF505
VAF512
VAF515
VAF524
INPUT
VOLTAGE[V]
AC85 - 264 1
f or DC110 - 370
CURRENT[A]
ACIN 100V 0.15typ (Io=100%)
ACIN 200V 0.10typ (Io=100%)
FREQUENCY[Hz]
47 - 440 or DC
INRUSH CURRENT[A]
ACIN 100V 15typ (Io=100%)
ACIN 200V 30typ (Io=100%)
LEAKAGE CURRENT[mA]
0.5max (60Hz, According to IEC60950 and DEN-AN)
EFFICIENCY[%]
68typ
77typ
78typ
78typ
81typ
OUTPUT
VOLTAGE[V]
3.3
5
121524
CURRENT[A]
*1 1.0 (Peak 1.2)
1.0 (Peak 1.2)
0.45 (Peak 0.54)
0.35 (Peak 0.42)
0.22 (Peak 0.27)
LINE REGULATION[mV]
20max
20max
48max
60max
96max
LOAD REGULATION[mV]
40max
40max
100max
120max
150max
RIPPLE[mVp-p]
0to+55
C*2 80max
80max
120max
120max
150max
-10 - 0
C*2 140max
140max
160max
160max
200max
Io=100 - 120%*2 180max
180max
200max
200max
240max
RIPPLE NOISE[mVp-p]
0to+55
C*2 120max
120max
150max
150max
200max
-10 - 0
C*2 160max
160max
180max
180max
230max
Io=100 - 120%*2 200max
200max
220max
220max
260max
TEMPERATURE COEFFICIENT[mV] -10to+55
C 100max
50max
120max
150max
300max
DRIFT[mV]
*3 20max
20max
48max
60max
96max
OUTPUT VOLTAGE SETTING[V]
3.19 - 3.47
4.90 - 5.30
11.40 - 12.60
14.25 - 15.75
23.0 - 25.0
OUTPUT VOLTAGE ADJUSTMENT RANGE[V] Fixed
START-UP TIME[ms]
700max (ACIN 85V, Io=100%)
HOLD-UP TIME[ms]
10typ (ACIN 85V, Io=100%), 20typ (ACIN 100V, Io=100%)
PROTECTION
CIRCUIT
OVERCURRENT PROTECTION Works over 125% of rating and recovers automatically
OVERVOLTAGE PROTECTION
Works over 115% of rating (By zener diode clamping)
ISOLATION
INPUT-OUTPUT
AC3,000V 1minute, Cutoff current = 10mA, DC500V 50M
W min (At Room Temperature)
INPUT-FG
AC2,000V 1minute, Cutoff current = 10mA, DC500V 50M
W min (At Room Temperature)
OUTPUT-FG
AC500V 1minute, Cutoff current = 100mA, DC500V 50M
W min (At Room Temperature)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE -10 to +71
C, 20 - 90%RH (Non condensing)(Refer to DERATING CURVE), 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE -20 to +75
C, 20 - 90%RH (Non condensing), 9,000m (30,000feet) max
VIBRATION
19.6m/s2 10 - 55Hz, 3minutes period, 60minutes each along X, Y and Z axis (Non operating)
IMPACT
196.1m/s2 11ms, once each X, Y and Z axis (Non operating)
SAFETY AND
NOISE
REGULATIONS
AGENCY APPROVALS
UL60950-1, C-UL, EN60950-1, EN50178 Complies with DEN-AN and IEC60950-1
CONDUCTED NOISE
Complies with FCC-B, VCCI-B, CISPR22-B, EN55022-B
OTHERS
CASE SIZE/WEIGHT
32
X20X72.5mm (WXHXD) / 30g max
COOLING METHOD
Convection
*1 Peak load for 10sec. or less in acceptable if the total wattage is less than the rated wattage.
*2 This is the value that measured on measuring board with capasitor of 22mF. Measuared by 20MHz oscilloscope or Ripple-Noise meter (Equivalent to KEISOKU-GIKEN: RM101).
*3 Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C, with the input voltage held constant at the rated input/output.
VAF5
On-board type
VAF
5
05
Ordering information
1Series name
2Output wattage
3Output voltage
R
123
VAF
G-144


Similar Part No. - EN61000-4-3

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
EN61000-4-3 DELTA-EN61000-4-3 Datasheet
930Kb / 10P
   Panel Mount Power Supply 5V 35W 1Phase
logo
General Semiconductor
EN61000-4-3 GE-EN61000-4-3 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
List of Unclassifed Man...
EN61000-4-3 ETC2-EN61000-4-3 Datasheet
611Kb / 4P
   Hardened Unmanaged 8-port 10/100BASE M12 (8 PoE)
More results

Similar Description - EN61000-4-3

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
YG104-IC1 SEOUL-YG104-IC1 Datasheet
276Kb / 13P
   Small size suitable for compact
logo
List of Unclassifed Man...
YS1505A ETC2-YS1505A Datasheet
139Kb / 3P
   Small and compact size, Built-in Inrush Current Protection
logo
NEC
EC2-5SNJ NEC-EC2-5SNJ Datasheet
100Kb / 11P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
EC29SNU NEC-EC29SNU Datasheet
107Kb / 8P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
logo
Seoul Semiconductor
THBTGFR421 SEOUL-THBTGFR421 Datasheet
390Kb / 13P
   Small size suitable for compact appliances
YG101 SEOUL-YG101 Datasheet
284Kb / 13P
   Small size suitable for compact appliances.
YG101-IC1 SEOUL-YG101-IC1 Datasheet
1Mb / 14P
   Small size suitable for compact appliances
NB104 SEOUL-NB104_12 Datasheet
280Kb / 13P
   Small size suitable for compact appliances
TWH104-HS SEOUL-TWH104-HS Datasheet
317Kb / 13P
   Small size suitable for compact appliances
THBFR411 SEOUL-THBFR411 Datasheet
290Kb / 13P
   Small size suitable for compact appliances
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com