Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2100B-MFP Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # U2100B-MFP
Description  Timer Control for Triac and Relay
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

U2100B-MFP Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button U2100B-MFP Datasheet HTML 5Page - List of Unclassifed Manufacturers U2100B-MFP Datasheet HTML 6Page - List of Unclassifed Manufacturers U2100B-MFP Datasheet HTML 7Page - List of Unclassifed Manufacturers U2100B-MFP Datasheet HTML 8Page - List of Unclassifed Manufacturers U2100B-MFP Datasheet HTML 9Page - List of Unclassifed Manufacturers U2100B-MFP Datasheet HTML 10Page - List of Unclassifed Manufacturers U2100B-MFP Datasheet HTML 11Page - List of Unclassifed Manufacturers U2100B-MFP Datasheet HTML 12Page - List of Unclassifed Manufacturers U2100B-MFP Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
U2100B
4769B–INDCO–12/04
Electrical Characteristics
V
S = -18 V, Tamb = 25°C, reference point pin 1, unless otherwise specified.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Supply-voltage limitation
I
S = 800 µA
IS = 2 mA
2
-V
S
-VS
21
21.3
23
24
V
V
Current consumption
I
3 = 0
-I
S
750
µA
Supply-voltage Monitoring
2
ON-threshold
-V
S
15
V
OFF-threshold
-V
S
6.5
V
Reference voltage
I
8 = 0.1 mA
I
8 = 1.5 mA
8
-V
Ref
-V
Ref
4.95
4.75
5.45
5.45
V
V
Synchronization
4
Input current
±i
sync
0.1
1.1
mA
Voltage limitation
I
4 = ±1 mA
±V
sync
8.8
9.4
10
V
Remaining phase angle
α
min threshold
ON
Off
±V
T
±V
T
3.6
1.8
4
2
4.4
2.2
V
V
Zero identification
4
Zero identification
ON
OFF
±V
T
±I
T
±V
T
±I
T
1.5
8.5
4
20
V
µA
V
µA
Operation Selection
4
Zero voltage switch
±V
sync
V
4 limit
α
min operation
+V
sync
-V
sync
V
4 limit
6.5 to 7.8
V
V
DC mode
-V
sync
+Vsync
V
4 limit
6.5 to 7.8
V
V
Window Monitoring, Figure 9 on page 8
6
Threshold 1
-VI/VRef
0.52
0.49
0.46
Threshold 2
-VI/VRef
0.67
0.65
0.63
Enable Schmitt Trigger, Figure 8 on page 7
5
Threshold 1
OFF
-VI/VRef
0.33
0.3
0.27
Threshold 2
ON
-VI/VRef
0.62
0.6
0.58
Oscillator
5
Threshold 1
7 - 1
V
I/VRef
0.25
0.20
0.15
Threshold 2
7 - 8
V
I
100
200
mV
Input current
7
I
I
100
500
nA
Output Stage
3
Saturation voltage
I
3 = 100 mA
V
3-2
2V
Output current
I
3
100
mA
f
1
1.6
R
t
×
C
t
×
----------------------------------
=


Similar Part No. - U2100B-MFP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2100B-XFPG3Y ATMEL-U2100B-XFPG3Y Datasheet
262Kb / 14P
   Timer Control for Triac and Relay
U2100B-XFPY ATMEL-U2100B-XFPY Datasheet
262Kb / 14P
   Timer Control for Triac and Relay
U2100B-XY ATMEL-U2100B-XY Datasheet
262Kb / 14P
   Timer Control for Triac and Relay
More results

Similar Description - U2100B-MFP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2100B ATMEL-U2100B Datasheet
262Kb / 14P
   Timer Control for Triac and Relay
logo
TEMIC Semiconductors
U2100B TEMIC-U2100B Datasheet
129Kb / 9P
   Timer Control for Triac and Relay
logo
PHOENIX CONTACT
2901486 PHOENIX-2901486 Datasheet
156Kb / 8P
   Timer relay with off delay (with control contact) and adjustable time
ETD-BL-1T-OFF-CC-10S PHOENIX-ETD-BL-1T-OFF-CC-10S Datasheet
157Kb / 8P
   Timer relay with off delay (with control contact) and adjustable time
2901485 PHOENIX-2901485 Datasheet
156Kb / 8P
   Timer relay with off delay (with control contact) and adjustable time
logo
List of Unclassifed Man...
U263B1 ETC1-U263B1 Datasheet
412Kb / 16P
   Triac Temperature Control for Industrial and Domestic Purposes
logo
TEMIC Semiconductors
U2101B TEMIC-U2101B Datasheet
139Kb / 9P
   Relay Timer
logo
List of Unclassifed Man...
CT2A ETC-CT2A Datasheet
348Kb / 1P
   Electronic timer relay
logo
Littelfuse
KRPD LITTELFUSE-KRPD Datasheet
537Kb / 2P
   Relay Output Timer
2016 Rev: 1-A-062116
logo
Melexis Microelectronic...
MLX81150 MELEXIS-MLX81150 Datasheet
591Kb / 23P
   LIN-Slave for relay and DC motor control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com