Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1068NLT Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # T1068NLT
Description  T1/E1/CEPT/ISDN-PRI TRANSFORMERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T1068NLT Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  T1068NLT Datasheet HTML 1Page - Pulse A Technitrol Company T1068NLT Datasheet HTML 2Page - Pulse A Technitrol Company T1068NLT Datasheet HTML 3Page - Pulse A Technitrol Company T1068NLT Datasheet HTML 4Page - Pulse A Technitrol Company T1068NLT Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
T622.K (04/12)
2
pulseelectronics.com
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
Quad Port T1/E1 with 8 Transformers, 1500 Vrms
Transformer Selection Guide
IC Mfr.
IC Part Number
Comments
Octal SMT
STD Temp
EXT Temp
Mindspeed
(Conexant)
Notes from Electrical Specifications Table
A. OCL (primary inductance) is measured at the primary winding. Turns ratio is specified primary:
secondary.
B. To make a 1CT:1 ratio from a 1CT:2CT ratio, use only one-half of the secondary (2CT) winding.
C. It is possible to use the same transformer model for the three impedance levels of T1 (100 W) and CEPT
(75
Ω & 120 Ω). For specific connection information and resistor values, refer to IC vendor’s data
book.
D. Dual Ratio Transformer (T1071NL and T1145NL) - These transformers have tapped secondary windings
Part
Number
Turns
Ratio 1
Secondary
Pins
Turns
Ratio 2
Secondary
Pins
1:1
40-39
1:1.26
40-38
1:1
35-34
1:1.26
35-33
1:1
30-29
1:1.26
30-28
1:1
25-24
1:1.26
25-23
1:2
40-39
1:2.4
40-38
1:2
33-32
1:2.4
33-31
1:2
30-29
1:2.4
30-28
1:2
23-22
1:2.4
23-21
T1071NL
T1145NL
E. Dual Ratio Transformer for the surface mount package is anti-static tubes. Optional Tape & Reel
packaging can be ordered by adding a “T” suffix to the part number, (i.e. T1064NLT).
F. Extended Temperature Range Models - For extended temperature range transformers (-40�C to +85�C
operating temperature range), OCL (Open Circuit Inductance) for the primary winding) is specified
at both -40�C and +25�C. At -40�C, OCL is 600
μH minimum. All other parameters are specified at +25�C
only. Standard temperature range is 0�C to +70�C.
to provide two turns ratios (T/R). Use the entire primary winding and connect the secondary pins
listed below to obtain desired turns ratio:
TOU
Schematics
BT8510
BT8510
CN8380
61318
61577
61304A/5A/535A/574A,/75
61304A/5A/535A/574A,/75
61582, 61583
61310, 61581
61584/84A
61584/82/83/A
DS2196
DS2148/Q48
DS21352/Q352, DS21354/Q354
T5683A, 59L91
T5894, T5897, T5997
T5791/T93/94/95
83L30/34/38
PEB22504
PEB22554
PEB2256 3.3 V
T7689, T769, T7698
TLIU04C1
MT9076, MT9075
MT9074, MT9075
PM4318
LXT 300/301
LXT 304/305/307
LXT 304/305/307
LXT 310/317/318
LXT 331
LXT 331, LXT 332
LXT 334, LXT 335
LXT 334, LXT 335
LXT 336
LXT 350, LXT 351, LXT 359
LXT 360/361/362/363
LXT 380/381/384/386/388
LXT 380/381/384/386/388
LXT 3104, LXT 3108
T1065NL
T1065NL
T1071NL
T1065NL
T1142NL
T1142NL
T1142NL
T1064NL
T1064NL
T1142NL
T1068NL
T1065NL
T1065NL
T1065NL
T1071NL
T1068NL
T1068NL
T1065NL
T1065NL
T1071NL
T1065NL
T1068NL
T1068NL
T1068NL
T1124NL
T1068
3.3V
3.3V
E1/T1/J1
DS1
DS1
T1, E1
75 E1, 120E1
T1, E1
T1/E1
75 E1
T1, E1
T1, E1
T1, E1
T1, E1
T1105NL
T1105NL
-
T1105NL
T1231NL
T1231NL
T1231NL
-
-
T1231NL
T1108NL
T1105NL
T1105NL
T1105NL
-
T1108NL
T1108NL
T1105NL
T1105NL
-
T1105NL
T1108NL
T1108NL
T1108NL
T1114NL
T1108NL
T1068NL
T1068NL
T1068NL
T1108NL
T1108NL
T1108NL
3V
120 E1
T1 & E1
75 E1
120 E1
IQ3
IQ5
T1068NL
T1065NL
T1068NL
T1071NL
T1064NL
T1068NL
T1065NL
T1064NL
T1108NL
T1105NL
T1108NL
-
-
T1108NL
T1105NL
-
T1071NL
T1071NL
T1124NL
-
-
T1114NL
T1/E1
T1/E1
Cirrus Logic
(Crystal)
Maxim
(Dallas)
Infineon
Technologies
(Siemens)
Intel
(Level One)
Lucent
Technologies
Zarlink
(Mitel)
PMC Sierra
Exar


Similar Part No. - T1068NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T1068NL PULSE-T1068NL Datasheet
601Kb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
T1068NL PULSE-T1068NL Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
T1068NL PULSE-T1068NL Datasheet
154Kb / 8P
   TRANSFORMERS
T1068NL PULSE-T1068NL Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
More results

Similar Description - T1068NLT

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S1076 BOTHHAND-S1076 Datasheet
92Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Pulse A Technitrol Comp...
T1064NL PULSE-T1064NL Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
T1231NLT PULSE-T1231NLT Datasheet
601Kb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
T1108NLT PULSE-T1108NLT Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
TX1281 PULSE-TX1281 Datasheet
507Kb / 1P
   T1/E1/CEPT/ISDN-PRI SMT TRANSFORMERS
TX1314NL PULSE-TX1314NL Datasheet
413Kb / 1P
   T1/E1/CEPT/ISDN-PRI SMT Transformers
logo
Nuvotem Talema
MJE-10A TALEMA-MJE-10A Datasheet
42Kb / 1P
   T1/E1/CEPT/ISDN-PRI SMD Transformers
logo
Bothhand USA, LP.
4S1008 BOTHHAND-4S1008 Datasheet
56Kb / 1P
   T1/E1/CEPT/ISDN-PRI QUAD TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPR1401G PCA-EPR1401G Datasheet
23Kb / 1P
   T1/E1/CEPT/ISDN-PRI Interface Transformers
logo
Pulse A Technitrol Comp...
T1009NLT PULSE-T1009NLT Datasheet
104Kb / 2P
   T1/E1/CEPT/ISDN-PRI QUAD TRANSFORMERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com