Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7342L-1A-E3 Datasheet(PDF) 1 Page - NEC

Part # PS7342L-1A-E3
Description  6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7342L-1A-E3 Datasheet(HTML) 1 Page - NEC

  PS7342L-1A-E3 Datasheet HTML 1Page - NEC PS7342L-1A-E3 Datasheet HTML 2Page - NEC PS7342L-1A-E3 Datasheet HTML 3Page - NEC PS7342L-1A-E3 Datasheet HTML 4Page - NEC PS7342L-1A-E3 Datasheet HTML 5Page - NEC PS7342L-1A-E3 Datasheet HTML 6Page - NEC PS7342L-1A-E3 Datasheet HTML 7Page - NEC PS7342L-1A-E3 Datasheet HTML 8Page - NEC PS7342L-1A-E3 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1996, 1999
6-PIN DIP, HIGH ISOLATION VOLTAGE
1-ch Optical Coupled MOS FET
The mark
• shows major revised points.
Document No. P11566EJ6V0DS00 (6th edition)
Date Published October 1999 NS CP(K)
Printed in Japan
Solid State Relay
OCMOS FET
PS7342-1A,PS7342L-1A
DESCRIPTION
The PS7342-1A and PS7342L-1A are solid state relays containing GaAs LEDs on the light emitting side (input
side) and MOS FETs on the output side.
They are suitable for analog signal control because of their low offset and high linearity.
The PS7342L-1A has a surface mount type lead.
FEATURES
• High isolation voltage (BV = 3 750 Vr.m.s.)
• 1 channel type (1 a output)
• Low LED Operating Current (IF = 2 mA)
• Designed for AC/DC switching line changer
• Small package (6-pin DIP)
• Low offset voltage
• PS7342L-1A: Surface mount type
• UL approved: File No. E72422 (S)
• BSI approved: No. 8252/8253
• CSA approved: No. CA 101391
APPLICATIONS
• Exchange equipment
• Measurement equipment
• FA/OA equipment


Similar Part No. - PS7342L-1A-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7342L-1A-E3 CEL-PS7342L-1A-E3 Datasheet
247Kb / 10P
   solid state relays containing GaAs LEDs on the light emitting side (input side) and MOS FETs on the output side.
PS7342L-1A-E3-A CEL-PS7342L-1A-E3-A Datasheet
247Kb / 10P
   solid state relays containing GaAs LEDs on the light emitting side (input side) and MOS FETs on the output side.
More results

Similar Description - PS7342L-1A-E3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7360-1A NEC-PS7360-1A Datasheet
74Kb / 12P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7341-1A CEL-PS7341-1A Datasheet
349Kb / 11P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
PS7341C-1A CEL-PS7341C-1A Datasheet
356Kb / 11P
   CURRENT LIMIT TYPE 6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
NEC
PS7341C-1A NEC-PS7341C-1A Datasheet
108Kb / 14P
   CURRENT LIMIT TYPE 6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7341C-1A RENESAS-PS7341C-1A Datasheet
263Kb / 16P
   CURRENT LIMIT TYPE 6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7141E-1A CEL-PS7141E-1A Datasheet
348Kb / 12P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7141-1A CEL-PS7141-1A Datasheet
356Kb / 11P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7142-1A CEL-PS7142-1A Datasheet
482Kb / 10P
   NECs 6-PIN DIP 400V BREAK DOWN VOLTAGE 1-CH OPTICAL COUPLED MOS FET
PS7160-1A CEL-PS7160-1A Datasheet
350Kb / 11P
   6-PIN DIP, 600 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7142-1A CEL-PS7142-1A_06 Datasheet
465Kb / 11P
   6-PIN DIP 400 V BREAK DOWN VOLTAGE 1-CH OPTICAL COUPLED MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com