Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5532DX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NE5532DX
Description  Dual Operational Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NE5532DX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NE5532DX Datasheet HTML 1Page - Fairchild Semiconductor NE5532DX Datasheet HTML 2Page - Fairchild Semiconductor NE5532DX Datasheet HTML 3Page - Fairchild Semiconductor NE5532DX Datasheet HTML 4Page - Fairchild Semiconductor NE5532DX Datasheet HTML 5Page - Fairchild Semiconductor NE5532DX Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.2
Features
• Internal Frequency Compensation
• Slew Rate: 8V/
μs
• Input Noise Voltage:
• Full Power Bandwidth: 140kHz
Description
The NE5532 is a internally compensated dual low noise
OP-AMP. The high small signal and power bandwidth
provides superior performance in high quality AMP, all
control circuits, and telephone applications.
8nV
Hz
(fo = 30Hz)
8-DIP
1
8-SOP
1
Internal Block Diagram
1
2
3
45
6
7
8
VCC
OUT2
IN2(-)
IN2(+)
OUT1
IN1(-)
IN1(+)
GND
_
+
_
+
NE5532
Dual Operational Amplifier


Similar Part No. - NE5532DX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5532D PHILIPS-NE5532D Datasheet
125Kb / 12P
   Internally-compensated dual low noise operational amplifier
1997 Sept 29
logo
Texas Instruments
NE5532D TI-NE5532D Datasheet
69Kb / 10P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
NE5532D FAIRCHILD-NE5532D Datasheet
79Kb / 6P
   Dual Operational Amplifier
logo
ON Semiconductor
NE5532D ONSEMI-NE5532D Datasheet
170Kb / 10P
   Internally Compensated Dual Low Noise Operational Amplifier
March, 2006 ??Rev. 1
logo
Texas Instruments
NE5532D TI-NE5532D Datasheet
439Kb / 13P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
More results

Similar Description - NE5532DX

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com